Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTHA-2MS0-MP Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTHA-2MS0-MP
Description  Connect to any Medium Pressure connection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTHA-2MS0-MP Datasheet(HTML) 1 Page - Ralston Instruments.

  QTHA-2MS0-MP Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QTHA-2MS0-MP
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-2MS0-MP
7/16-20 male Medium Pressure x male Quick-test, S.S.
Connect to any Medium Pressure connection
Features
• Ideal for connecting to Autoclave Engineers, Butech, HIP or
Parker Medium Pressure connections
• Connect to Crystal Engineering pressure gauges or pressure
calibrators with Female CPF pressure connections
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
7/16-20 Male Medium Pressure
End C2
Male Quick-test
Has Check Valve
No
Temperature range
0 to 225 °F (-18 to 107 °C)
Construction
Stainless Steel
Seal materials
Teflon, Viton
Dimensions A
1.82 in (4.62 cm)
Dimensions B
0.5 in (1.27 cm)


Similar Part No. - QTHA-2MS0-MP

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-2MS0-MP RALSTON-QTHA-2MS0-MP Datasheet
514Kb / 1P
   Adapt Crystal Engineering nVision Calibrators to Ralston Quick-test hoses
QTHA-2MS0-MP RALSTON-QTHA-2MS0-MP_19 Datasheet
514Kb / 1P
   Adapt Crystal Engineering nVision Calibrators to Ralston Quick-test hoses
More results

Similar Description - QTHA-2MS0-MP

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-2MSA-MP RALSTON-QTHA-2MSA-MP Datasheet
537Kb / 1P
   Connect to any Medium Pressure connection
XTHA-2MS0-MP RALSTON-XTHA-2MS0-MP_19 Datasheet
503Kb / 1P
   Connect to any medium pressure connection
XTHA-2MSA-MP RALSTON-XTHA-2MSA-MP_19 Datasheet
502Kb / 1P
   Connect to any medium pressure connection
QTFT-2MBL RALSTON-QTFT-2MBL Datasheet
724Kb / 1P
   Connect to any 1/4" Female NPT connection
XTHA-2MS0-XH RALSTON-XTHA-2MS0-XH_19 Datasheet
249Kb / 1P
   Connect any Quick-test XT hose to any HIP
QTHA-2FSA-MP RALSTON-QTHA-2FSA-MP Datasheet
531Kb / 1P
   Connect to hoses, comparators and pressure references with Male Medium Pressure adapters
QTHA-PMS0-0.125-1.5 RALSTON-QTHA-PMS0-0.125-1.5 Datasheet
391Kb / 1P
   Connect to any Size Petes Plug for testing, sampling or reading a pressure.
QTHA-PMSA-0.125-1.5 RALSTON-QTHA-PMSA-0.125-1.5 Datasheet
394Kb / 1P
   Connect to any Size Petes Plug for testing, sampling or reading a pressure.
QTHA-2TS0 RALSTON-QTHA-2TS0_19 Datasheet
519Kb / 1P
   Make a bubble-tight connection to any Swagelok
QTHA-1TS0-QD RALSTON-QTHA-1TS0-QD Datasheet
543Kb / 1P
   Make a bubble-tight connection to any Swagelok
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com