Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB40C328 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB40C328
Description  8-bit 100 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40C328 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB40C328 Datasheet HTML 4Page - Fujitsu Component Limited. MB40C328 Datasheet HTML 5Page - Fujitsu Component Limited. MB40C328 Datasheet HTML 6Page - Fujitsu Component Limited. MB40C328 Datasheet HTML 7Page - Fujitsu Component Limited. MB40C328 Datasheet HTML 8Page - Fujitsu Component Limited. MB40C328 Datasheet HTML 9Page - Fujitsu Component Limited. MB40C328 Datasheet HTML 10Page - Fujitsu Component Limited. MB40C328 Datasheet HTML 11Page - Fujitsu Component Limited. MB40C328 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
MB40C328
• Switching Characteristics
(AVDD = DVDD = 3.00 V to 3.60 V, Ta = –20
°C to +70°C)
s DIGITAL OUTPUT BUFFER LOAD CIRCUIT
s MODE SETTING
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Maximum conversion rate
fS
100
MSPS
Aperture time
tAD
—1.7
ns
Digital output
delay time
Timing chart 1
tpdS
2.5
6.0
9.0
ns
tpdSO
tWS+ + 2.5
tWS+ + 6.0
tWS+ + 10
ns
Timing chart 2
tpdM1
2.5
5.5
10
ns
tpdM1O
T + 2.5
T + 5.5
T + 10
ns
Timing chart 3
tpdM2
2.5
5.5
10
ns
tpdM2O
T + 2.5
T + 5.5
T + 10
ns
Timing chart 4
tpdD
2.5
6.5
11
ns
tpdDO
tWD+ + 2.5
tWD+ + 6.5
tWD+ + 11
ns
CKCEL
DCEL
Mode
Timing Chart
H
H
CLK input-straight output mode
Timing chart 1
H
L
CLK input-demultiplex output (in-phase) mode
Timing chart 2
L
H
CLK input-demultiplex output (two-phase) mode
Timing chart 3
L
L
Two-phase CLK input mode (CLKA, CLKB)
Timing chart 4
DVSS
CL
= 18 pF
Measurement point
To the
measurement
point
Note: CL includes a stray capacitance of a probe and a fixture.


Similar Part No. - MB40C328

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
MB40C328VPFV FUJITSU-MB40C328VPFV Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
More results

Similar Description - MB40C328

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
AD9708ARZ AD-AD9708ARZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
logo
Fujitsu Component Limit...
MB40C348V FUJITSU-MB40C348V Datasheet
250Kb / 19P
   3ch 8-bit 100 MSPS A/D Converter
MB40C348 FUJITSU-MB40C348 Datasheet
252Kb / 19P
   3 ch 8-bit 100 MSPS A/D Converter
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com