Electronic Components Datasheet Search |
|
MB40C318 Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
MB40C318 Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 16 page DS04-28215-2E FUJITSU SEMICONDUCTOR DATA SHEET ASSP For Video Applications CMOS 8-bit 140 MSPS A/D Converter MB40C318 s DESCRIPTION MB40C318 is a high-speed A/D converter using a fast CMOS technology. s FEATURES • Resolution : 8 bit • Linearity error : ±0.40% (standard) • Maximum conversion rate : 140 MSPS (minimum) • Power supply voltage : 3.3 V/5 V (standard: PECL clock input) 3.3 V (standard: PECL other than clock input) • Clock input voltage range : PECL level (140 MHz max differential input CLKEP, CLKEN) CMOS level (70 MHz max two-phase input CLKA, CLKB) • Digital input voltage range CMOS level • Digital output voltage range : CMOS level compatible • Analog input voltage range : 0 to 3.0 V (2 Vp-p) • Analog input capacitance : 22 pF (standard) • Power dissipation : 300 mW (standard) • Additional features : Reference voltage generator circuit: VREFT = 3.0 V, VREFB = 1.0 V High impedance output, power down function 1:2 demultiplex output enable (RESET action enable) 1/2 deviding clock output Cross sampling at 70 MHz (two-phase CLK) enable (CLKA, CLKB) • Package : LQFP48 (7 mm × 7 mm, lead pitch 0.5 mm) s PACKAGE 48-pin plastic LQFP (FPT-48P-M05) |
Similar Part No. - MB40C318 |
|
Similar Description - MB40C318 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |