Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB40C218 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB40C218
Description  30MHz 8-bit A/D Converter (With AMP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40C218 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB40C218 Datasheet HTML 1Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 2Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 3Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 4Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 5Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 6Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 7Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 8Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
MB40C218
s PIN ASSIGNMENT
32
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
V RTC
V RT
AV DD3
NC
TEST
CLK
DV DD
V RB
AV SS
AV SS
SEL
CE
NC
AV SS
DV SS
31
30
29
28
27
26
25
9
10
11
121314
1516
D 7
(MSB)
D 6
D 5
D 4
D 3
D 2
D 1
D 0
(LSB)
OE
AV SS
OPO
ADIN
AV SS
V IN2
AV DD5
V IN1


Similar Part No. - MB40C218

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C238 FUJITSU-MB40C238 Datasheet
88Kb / 10P
   30 MHz 8-bit A/D Converter
MB40C238PFV FUJITSU-MB40C238PFV Datasheet
88Kb / 10P
   30 MHz 8-bit A/D Converter
More results

Similar Description - MB40C218

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
STMicroelectronics
CD00001237 STMICROELECTRONICS-CD00001237 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
ST62E25CF1 STMICROELECTRONICS-ST62E25CF1 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
logo
ATMEL Corporation
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
   8-bit Microcontroller with A/D converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
   8-Bit Microcontroller with A/D Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com