Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB40C218 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB40C218
Description  30MHz 8-bit A/D Converter (With AMP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40C218 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB40C218 Datasheet HTML 1Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 2Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 3Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 4Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 5Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 6Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 7Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 8Page - Fujitsu Component Limited. MB40C218 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
MB40C218
s ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(1) Analog Section
(AVDD5 = 4.75 to 5.25V, AVDD3 = DVDD = 2.70 to 3.30V, Ta = –20 to +75
°C)
(2) Digital Section
(AVDD5 = 4.75 to 5.25V, AVDD3 = DVDD = 2.70 to 3.30V, Ta = –20 to +75
°C)
Parameter
Symbol
Value
Units
Min.
Typ.
Max.
Resolution
8
bit
Linearity error
Conditional DC
precision
VRT = 1.5V
VRB = 0V
LE
±0.2
±0.4
%
Differential linearity error
DLE
±0.12
±0.2
%
Analog input capacity
CADIN
—15
pF
Analog supply current
AVDD5
—7.0
mA
AVDD3
16.0
mA
Digital supply current
DVDD
—3.0
mA
Standby supply current
ISTB
—100
µA
1:3 amp gain
DC to 10 MHz
Gamp
9.0
9.5
10.0
dB
10 to 20 MHz
6.0
6.5
dB
VIN1, 2 bias voltage
VBI1, 2
—AVDD5/2
V
VIN1, 2 input resistance
RI1, 2
19
27
35
k
VIN1, 2 input capacity
CI1, 2
—15
pF
1:3 gain amp group delay (DC to 10 MHz)
G-Delay
±10
ns
1:3 gain amp
(fin = 4, 5, 7 MHz)
2nd order harmonic
distortion
H2
–50
dB
3rd order harmonic
distortion
H3
–55
dB
Dual power cross talk (fin = 7 MHz)
CT
–50
dB
Setup voltage with open VRTC
VRTCO
—AVDD3/2
V
VRTC input resistance
VRTC
—25
k
ADIN input resistance
RADIN
—4.5
k
Parameter
Symbol
Value
Units
Min.
Typ.
Max.
Digital "H" level output voltage
VOHD
2.4
DVDD
V
Digital "L" level output voltage
VOLD
——
0.4
V
Digital "H" level output current
IOHD
–400
µA
Digital "L" level output current
IOLD
——
1.6
mA


Similar Part No. - MB40C218

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C238 FUJITSU-MB40C238 Datasheet
88Kb / 10P
   30 MHz 8-bit A/D Converter
MB40C238PFV FUJITSU-MB40C238PFV Datasheet
88Kb / 10P
   30 MHz 8-bit A/D Converter
More results

Similar Description - MB40C218

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 30MHz)
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
STMicroelectronics
CD00001237 STMICROELECTRONICS-CD00001237 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
ST62E25CF1 STMICROELECTRONICS-ST62E25CF1 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter
logo
ATMEL Corporation
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
   8-bit Microcontroller with A/D converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
   8-Bit Microcontroller with A/D Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com