Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS213 Datasheet(PDF) 1 Page - Texas Instruments

Part # HD3SS213
Description  5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS213 Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS213_14 Datasheet HTML 1Page - Texas Instruments HD3SS213_14 Datasheet HTML 2Page - Texas Instruments HD3SS213_14 Datasheet HTML 3Page - Texas Instruments HD3SS213_14 Datasheet HTML 4Page - Texas Instruments HD3SS213_14 Datasheet HTML 5Page - Texas Instruments HD3SS213_14 Datasheet HTML 6Page - Texas Instruments HD3SS213_14 Datasheet HTML 7Page - Texas Instruments HD3SS213_14 Datasheet HTML 8Page - Texas Instruments HD3SS213_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Source A
Source B
HPDB
DAx(p)
HPDA
DAx(n)
HPDC
AUXAx
DDCA
DDCB
AUXCx
AUXBx
DCx(p)
DCx(n)
DP Sink
DBx(p)
DBx(n)
Control
AUX_SEL
Dx_SEL
DDCC
OE
DP Sink A
DP Sink B
HPDB
DAx(p)
HPDA
DAx(n)
HPDC
AUXAx
DDCA
DDCB
AUXCx
AUXBx
DCx(p)
DCx(n)
DP Source
DBx(p)
DBx(n)
Control
AUX_SEL
Dx_SEL
DDCC
OE
HD3SS213 2:1
HD3SS213 1:2
HD3SS213
www.ti.com
SLAS901A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
Check for Samples: HD3SS213
1
FEATURES
APPLICATIONS
Compatible with DisplayPort 1.2 Electrical
Motherboard Applications Needing DP and PCI
Standard
Express
2:1 and 1:2 Switching Supporting Data Rates
Desktop and Notebook Applications
up to 5.4Gbps
DP switching
Supports HPD Switching
PCI Express switching
Supports AUX and DDC Switching
Docking
Wide -3dB Differential BW of over 5.4 GHz
Excellent Dynamic Characteristics (at 2.7GHz)
Crosstalk = –50dB
Isolation = –25dB
Insertion Loss = –1.5 dB
Return Loss = –13 dB
Max Bit-Bit Skew = 5 ps
VDD Operating Range 3.3 V ±10%
Package Options:
5 mm x 5 mm, 50-Ball µ*BGA
Output Enable (OE) Pin Disables Switch to
Save Power
HD3SS213 < 10 mW (Standby < 30 µW
when OE = L)
Figure 1. HD3SS213 Application Block Diagram
DESCRIPTION
The HD3SS213 is a high-speed passive switch capable of switching two full DisplayPort 4 lane ports from one of
two sources to one target location in an application. It will also switch one source to one of two sinks. For
DisplayPort applications the HD3SS213 supports switching of the Auxiliary (AUX), Display Data Channel (DDC)
and Hot Plug Detect (HPD) signals in the ZEQ package.
One typical application would be a mother board that includes two GPUs that need to drive one DisplayPort sink.
The GPU is selected by the Dx_SEL pin. Another application is when one source needs to switch between one
of two sinks, example would be a side connector and a docking station connector. The switching is controlled
using the Dx_SEL and AUX_SEL pins. The HD3SS213 operates from a single supply voltage of 3.3V over the
full industrial temperature range of –40°C to 105°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - HD3SS213_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS213IZQET TI1-HD3SS213IZQET Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI-HD3SS213ZQER Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213ZXHR TI-HD3SS213ZXHR Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
More results

Similar Description - HD3SS213_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS212 TI1-HD3SS212 Datasheet
262Kb / 12P
[Old version datasheet]   5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212 TI-HD3SS212_V01 Datasheet
1Mb / 26P
[Old version datasheet]   HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com