Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB40730 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB40730
Description  1 CHANNEL 10-BIT D/A CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40730 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB40730 Datasheet HTML 2Page - Fujitsu Component Limited. MB40730 Datasheet HTML 3Page - Fujitsu Component Limited. MB40730 Datasheet HTML 4Page - Fujitsu Component Limited. MB40730 Datasheet HTML 5Page - Fujitsu Component Limited. MB40730 Datasheet HTML 6Page - Fujitsu Component Limited. MB40730 Datasheet HTML 7Page - Fujitsu Component Limited. MB40730 Datasheet HTML 8Page - Fujitsu Component Limited. MB40730 Datasheet HTML 9Page - Fujitsu Component Limited. MB40730 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
MB40730
s
DC CHARACTERISTICS
s
AC CHARACTERISTICS
(VEEA=VEED=-5.46 to -4.94 V, Ta=-20
°C to +75°C)
Parameter
Symbol
Condition
Standard values
Unit
Min.
Typ.
Max.
Resolution
-
-
-
-
10
bit
Linearity error
LE
DC accuracy
-
-
±0.1
%
Differential linearity error
DLE
-
-
±0.1
%
Digital input current high
IIHD
-
-
-
5
µA
Digital input current low
IILD
-
-0.1
-
-
µA
Reference input current
IRIN
VRIN=-2.000V
-
-
10
µA
Potential
divider
reference
Reference voltage
VROUT1
VEEA = -5.20 V
VEED = -5.20 V
-2.100
-2.000
-1.900
V
Band-gap
reference
Reference voltage
VROUT2
-
-2.100
-2.000
-1.900
V
Temperature
coefficient
-
-
-
100
-
ppm/
°C
Full-scale output voltage
VOFS
-
-20
0
-
mV
Zero-scale output voltage
VOZS
VEEA = -5.20 V
VEED = -5.20 V
VRIN = -2.000 V
-2.068
-1.998
-1.928
V
Output resistance
RO
Ta=+25
°C
192
240
288
Power dissipation
IEE
VEEA = -5.46 V
VEED = -5.46 V
VRIN = VROUT
-59
-34*
-
mA
* : VEEA = VEED = -5.20 V
(VEEA= VEED=-5.46 to -4.94 V, Ta=-20
°C to +75°C)
Parameter
Symbol
Conditions
Standard values
Unit
Min.
Typ.
Max.
Maximum conversion rate
FS
CL = 15 pF
A.OUT pin terminating
resistance = 240
60
-
-
MSPS
Output propagation delay time
tpd
-
7
-
ns
Output rise time
tr
-
5
-
ns
Output fall time
tf
-
5
-
ns
Settling time
tset
-
-17.5
-
ns


Similar Part No. - MB40730

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
   1 CHANNEL 8-BIT D/A CONVERTER
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
   1CHANNEL 10-BIT D/A CONVERTER
MB40768H FUJITSU-MB40768H Datasheet
132Kb / 16P
   D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40768HP FUJITSU-MB40768HP Datasheet
132Kb / 16P
   D/A Converter (1-ch, 8-bit, 60 MSPS)
MB40768HPF FUJITSU-MB40768HPF Datasheet
132Kb / 16P
   D/A Converter (1-ch, 8-bit, 60 MSPS)
More results

Similar Description - MB40730

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC104S101 NSC-ADC104S101 Datasheet
964Kb / 19P
   4 Channel, 1 MSPS, 10-Bit A/D Converter
logo
Fujitsu Component Limit...
MB40950 FUJITSU-MB40950 Datasheet
215Kb / 11P
   3-Channel 10-Bit D/A Converter
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
   1 Channel 8-bit D/A Converter
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
   1 Channel 8-bit A/D Converter
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
   1 CHANNEL 8-BIT D/A CONVERTER
MB40776 FUJITSU-MB40776 Datasheet
283Kb / 11P
   1 Channel 6-bit D/A converter
logo
Texas Instruments
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com