Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB40568P-SK Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB40568P-SK
Description  A/D Converter (1-channel, 8-bit low-power model with built-in clamp circuit)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40568P-SK Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB40568P-SK Datasheet HTML 4Page - Fujitsu Component Limited. MB40568P-SK Datasheet HTML 5Page - Fujitsu Component Limited. MB40568P-SK Datasheet HTML 6Page - Fujitsu Component Limited. MB40568P-SK Datasheet HTML 7Page - Fujitsu Component Limited. MB40568P-SK Datasheet HTML 8Page - Fujitsu Component Limited. MB40568P-SK Datasheet HTML 9Page - Fujitsu Component Limited. MB40568P-SK Datasheet HTML 10Page - Fujitsu Component Limited. MB40568P-SK Datasheet HTML 11Page - Fujitsu Component Limited. MB40568P-SK Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
MB40568
2.
Switching Characteristics
(VCCA = VCCD = 4.75 to 5.25 V, Ta = 0
°C to +70°C)
s TIMING DIAGRAM
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Maximum conversion rate
fS
20
MSPS
Digital output delay time
tpd
815
30
ns
3 V
0 V
VOH
VOL
CLK
VINA
D1 to D8
SAMPLEN
tW +
tW –
1.5 V
DATAN – 1
tpd
SAMPLEN + 2
SAMPLEN + 1
DATAN + 1
1.5 V
DATAN


Similar Part No. - MB40568P-SK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
   8 CH 10 BIT A/D CONVERTER
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
   1 Channel 8-bit A/D Converter
MB4053 FUJITSU-MB4053 Datasheet
135Kb / 17P
   6-Channel 8-BIT A/D Converter
MB4053M FUJITSU-MB4053M Datasheet
135Kb / 17P
   6-Channel 8-BIT A/D Converter
MB4053PF FUJITSU-MB4053PF Datasheet
135Kb / 17P
   6-Channel 8-BIT A/D Converter
More results

Similar Description - MB40568P-SK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2301Q SONY-CXD2301Q Datasheet
473Kb / 23P
   8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
   Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Fujitsu Component Limit...
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
   1 Channel 8-bit D/A Converter
MB40528 FUJITSU-MB40528 Datasheet
301Kb / 14P
   1 Channel 8-bit A/D Converter
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
   1 CHANNEL 8-BIT D/A CONVERTER
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
CXD1179Q SONY-CXD1179Q Datasheet
202Kb / 14P
   8-bit 35MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com