Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDIH15140DF1154 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # WDIH15140DF1154
Description  1480/1550nm WDM/Isolator Hybrid Combination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

WDIH15140DF1154 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  WDIH15140DF1154 Datasheet HTML 1Page - OPLINK Communications Inc. WDIH15140DF1154 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Performance Specificationns
WDIH1514 Series
Single Stage
Dual Stage
Unit
Signal Operating Wavelength Range (λs)
C band : 1528 ~ 1564 or
L band : 1570 ~ 1605
nm
Pump Channel Wavelength Range (λp)
1450 ~1495
nm
Channel Isolation (over λs, 0~70°C, all SOP)
≥ 21
≥ 36
dB
Isolation
Pump Channel @ λs
≥ 15
dB
Signal Channel @ λp
≥ 25
Insertion Loss (Over
wavelength range and
0~70°C, all SOP)
Pump Channel
≤ 0.6
dB
Signal Channel
≤ 0.9
≤ 1.1
WDL
≤ 0.35
≤ 0.45
dB
Return Loss
≥ 55
dB
Polarization Dependent Loss (PDL)
≤ 0.10
≤ 0.20
dB
Polarization Mode Dispersion (PMD)
≤ 0.25
≤ 0.05
ps
Directivity
≥ 55
dB
Operting Power Handling
≤ 500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Corning SMF-28
Package Dimension *
P1 : (Ø) 5.5 x (L) 34.0
mm
P2 : (Ø) 5.5 x (L) 40.0
Values are referenced without connector loss
* The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom
specified.
S0077 - R11. 20100702
1480/1550nm WDM/Isolator
Hybrid Combination
WDIH1514 Series
Oplink’sWDIH is a combination of a 1480/1550 nm filter and a 1550nm polar-
ization insensitive optical isolator.The WDIH is a low cost model with excel-
lent performance including low insertion loss, high isolation, high return loss,
low polarization dependent loss (PDL), and low polarization mode dispersion
(PMD).This product offers integrated solutions to EDFA applications by com-
bining more functions into a very compact package.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other compo-
nents to form a full function module or subsystem.
Wide Operating Wavelength Range
Compact Size
High Isolation
Ultra Low PDL & PMD
High Stability & Reliability
Epoxy-free Optical Path
Fiberoptic Amplifiers
CATV Fiberoptic Links
WDM Systems
Fiberoptic Instruments
Transmitters and Fiber Lasers
Laboratory R&D


Similar Part No. - WDIH15140DF1154

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WDIH15140DF311 OPLINK-WDIH15140DF311 Datasheet
305Kb / 2P
   Mini WDM/Isolator Hybrid
WDIH15140DF3111 OPLINK-WDIH15140DF3111 Datasheet
224Kb / 2P
   Mini 1480/1550nm WDM/Isolator Hybrid
WDIH15140DF3112 OPLINK-WDIH15140DF3112 Datasheet
224Kb / 2P
   Mini 1480/1550nm WDM/Isolator Hybrid
WDIH15140DF3113 OPLINK-WDIH15140DF3113 Datasheet
224Kb / 2P
   Mini 1480/1550nm WDM/Isolator Hybrid
WDIH15140DF312 OPLINK-WDIH15140DF312 Datasheet
305Kb / 2P
   Mini WDM/Isolator Hybrid
More results

Similar Description - WDIH15140DF1154

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WDIH15140SF1111 OPLINK-WDIH15140SF1111 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH1514-S0077 OPLINK-WDIH1514-S0077 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WTIH1514S0121 OPLINK-WTIH1514S0121 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
MINI-WDIH54 OPLINK-MINI-WDIH54 Datasheet
224Kb / 2P
   Mini 1480/1550nm WDM/Isolator Hybrid
WDIH1598-S0079 OPLINK-WDIH1598-S0079 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH15980SF1111 OPLINK-WDIH15980SF1111 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH1598 OPLINK-WDIH1598 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH15980SF3011 OPLINK-WDIH15980SF3011 Datasheet
216Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
WDIH15980SF3 OPLINK-WDIH15980SF3 Datasheet
433Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
MINI-WDIH59 OPLINK-MINI-WDIH59 Datasheet
216Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com