Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXD3XGGI2C00021G Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part # TXD3XGGI2C00021G
Description  Transceiver with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXD3XGGI2C00021G Datasheet(HTML) 6 Page - OPLINK Communications Inc.

  TXD3XGGI2C00021G Datasheet HTML 1Page - OPLINK Communications Inc. TXD3XGGI2C00021G Datasheet HTML 2Page - OPLINK Communications Inc. TXD3XGGI2C00021G Datasheet HTML 3Page - OPLINK Communications Inc. TXD3XGGI2C00021G Datasheet HTML 4Page - OPLINK Communications Inc. TXD3XGGI2C00021G Datasheet HTML 5Page - OPLINK Communications Inc. TXD3XGGI2C00021G Datasheet HTML 6Page - OPLINK Communications Inc. TXD3XGGI2C00021G Datasheet HTML 7Page - OPLINK Communications Inc. TXD3XGGI2C00021G Datasheet HTML 8Page - OPLINK Communications Inc. TXD3XGGI2C00021G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Oplink Communications, Inc
6
S0330. Rev.04. (web) 2013-01-09
TXD3XGGI2xx
Ordering Information
DIMENSION IN MILLIMETERS
NOTES: UNLESS OTHERWISE
SPECIFIED
Package Outline
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales and Mar-
keting for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Latch
Color
Distance
TXD3XGGI2C00061G
- 5°C to +70°C
Commercial
1528.77
196.1
61
Red
40km
TXD3XGGI2C00060G
- 5°C to +70°C
Commercial
1529.55
196
60
Red
40km
TXD3XGGI2C00059G
- 5°C to +70°C
Commercial
1530.33
195.9
59
Red
40km
TXD3XGGI2C00058G
- 5°C to +70°C
Commercial
1531.12
195.8
58
Red
40km
TXD3XGGI2C00057G
- 5°C to +70°C
Commercial
1531.90
195.7
57
Red
40km
TXD3XGGI2C00056G
- 5°C to +70°C
Commercial
1532.68
195.6
56
Red
40km
TXD3XGGI2C00055G
- 5°C to +70°C
Commercial
1533.47
195.5
55
Red
40km
TXD3XGGI2C00054G
- 5°C to +70°C
Commercial
1534.25
195.4
54
Red
40km
TXD3XGGI2C00053G
- 5°C to +70°C
Commercial
1535.04
195.3
53
Red
40km
TXD3XGGI2C00052G
- 5°C to +70°C
Commercial
1535.82
195.2
52
Red
40km
TXD3XGGI2C00051G
- 5°C to +70°C
Commercial
1536.61
195.1
51
Red
40km
TXD3XGGI2C00050G
- 5°C to +70°C
Commercial
1537.40
195.0
50
Red
40km
TXD3XGGI2C00049G
- 5°C to +70°C
Commercial
1538.19
194.9
49
Red
40km
TXD3XGGI2C00048G
- 5°C to +70°C
Commercial
1538.98
194.8
48
Red
40km


Similar Part No. - TXD3XGGI2C00021G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXD3XGHL2C00017G OPLINK-TXD3XGHL2C00017G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00018G OPLINK-TXD3XGHL2C00018G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00019G OPLINK-TXD3XGHL2C00019G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00020G OPLINK-TXD3XGHL2C00020G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00021G OPLINK-TXD3XGHL2C00021G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
More results

Similar Description - TXD3XGGI2C00021G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRBCG1HXZX000E1G OPLINK-TRBCG1HXZX000E1G Datasheet
309Kb / 5P
   sfp Transceiver Digital Diagnostics
TRPAG1SXLAES OPLINK-TRPAG1SXLAES Datasheet
464Kb / 5P
   Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com