Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRD148JL2I00047G Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRD148JL2I00047G
Description  DWDM Transceivers with Digital Diagnostics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRD148JL2I00047G Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRD148JL2I00047G Datasheet HTML 1Page - OPLINK Communications Inc. TRD148JL2I00047G Datasheet HTML 2Page - OPLINK Communications Inc. TRD148JL2I00047G Datasheet HTML 3Page - OPLINK Communications Inc. TRD148JL2I00047G Datasheet HTML 4Page - OPLINK Communications Inc. TRD148JL2I00047G Datasheet HTML 5Page - OPLINK Communications Inc. TRD148JL2I00047G Datasheet HTML 6Page - OPLINK Communications Inc. TRD148JL2I00047G Datasheet HTML 7Page - OPLINK Communications Inc. TRD148JL2I00047G Datasheet HTML 8Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Oplink Communications, Inc
4
S0219. Rev04. (web) 2012.06.18
TRD148xL2/E2/X2-G
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They must be operated
under specified operating conditions.
Oplink Communications, Inc.
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Application Notes
Host Board Termination & Coupling
Electrical interface: All signal interfaces are compliant with the
SFP MSA specification. The high speed DATA interface is differential
AC-coupled internally with 0.1μF and can be directly connected to
a 3.3V SERDES IC. All low speed control and sense output signals
are open collector TTL compatible and should be pulled up with a
4.7 - 10kΩ resistor on the host board
Loss of Signal (LOS): The Loss of Signal circuit monitors the level
of the incoming optical signal and generates a logic HIGH when an
insufficient photocurrent is produced.
TX Start-up: During power up or hot plugging the DWDM SFP
module will initially set theTX to the correct operating temperature.
Depending on the ambient temperature this may take several
seconds to 1 minute. When the Tx has reached the required
temperature the Tx is switched on and active. At this point the Tx is
guaranteed to be within +/-0.2nm of the appropriate ITU wavelength
and will settle to +/-0.05nm within the time limit set by the MSA.
TX_Fault: The output indicates LOW when the transmitter is
operating normally, and HIGH with a laser fault including laser
end-of-life. TX Fault is an open collector/drain output that should
be pulled up with a 4.7 - 10kΩ resistor on the host board. TX Fault
is latched per SFP MSA.
TX_Disable: When the TX Disable pin is at logic HIGH, the
transmitter optical output is disabled (less than -45dBm).
Serial Identification and Monitoring: The module definition of
SFP is indicated by the three module definition pins, MOD_DEF(0),
MOD_DEF(1) and MOD_DEF(2). Upon power up, MOD_DEF(1:2)
appear as NC (noconnection), and MOD_DEF(0) is TTL LOW. When
the host system detects this condition, it activates the serial protocol
(standard two-wire I2C serial interface) and generates the serial
clock signal (SCL). The positive edge clocks data into the EEPROM
segments of the SFP that are not write protected, and the negative
edge clocks data from the SFP.
The serial data signal (SDA) is for serial data transfer. The host
uses SDA in conjunction with SCL to mark the startand end of
serial protocol activation. The supported monitoring functions
are internal temperature, supply voltage, bias current, transmitter
power, average receiver signal, all alarms and warnings and software
monitoring of TX Fault/LOS. The device is internally calibrated.
The data transfer protocol and the details of the mandatory and
vendor specific data structures are defined in the MSA.
Power supply and grounding: The power supply line shouldbe
well-filtered. All 0.1μF power supply bypass capacitors should be
as close to the transceiver module as possible.
R: 4.7 to 10kΩ
CAP Values in μF
TX DATA IN+
1H coil or ferrite bead
µ
(<0.2 Ω series resistance)
0.1
TX DATA IN-
TX Disable
0.1
+ 10
0.1
+ 10
to 50 Ωload
3.3V
RX DATA OUT+
RX DATA OUT-
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50Ω load
TX Fault
Vcc
3.3V
Vcc
50Ω line
50Ω line
50Ω line
50Ω line
100
R
R
R
R
R
8
5
4
6
2
18
19
3
15
16
13
12
1, 9,10,11,14,17,20
SFP


Similar Part No. - TRD148JL2I00047G

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRD10-103 RCD-TRD10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-104 RCD-TRD10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-105 RCD-TRD10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-106 RCD-TRD10-106 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-107 RCD-TRD10-107 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRD148JL2I00047G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com