Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXD3XGGI2C00044G Datasheet(PDF) 7 Page - OPLINK Communications Inc.

Part # TXD3XGGI2C00044G
Description  Transceiver with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXD3XGGI2C00044G Datasheet(HTML) 7 Page - OPLINK Communications Inc.

  TXD3XGGI2C00044G Datasheet HTML 1Page - OPLINK Communications Inc. TXD3XGGI2C00044G Datasheet HTML 2Page - OPLINK Communications Inc. TXD3XGGI2C00044G Datasheet HTML 3Page - OPLINK Communications Inc. TXD3XGGI2C00044G Datasheet HTML 4Page - OPLINK Communications Inc. TXD3XGGI2C00044G Datasheet HTML 5Page - OPLINK Communications Inc. TXD3XGGI2C00044G Datasheet HTML 6Page - OPLINK Communications Inc. TXD3XGGI2C00044G Datasheet HTML 7Page - OPLINK Communications Inc. TXD3XGGI2C00044G Datasheet HTML 8Page - OPLINK Communications Inc. TXD3XGGI2C00044G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Oplink Communications, Inc
7
S0330. Rev.04. (web) 2013-01-09
TXD3XGGI2xx
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Latch
Color
Distance
TXD3XGGI2E00061G
- 5°C to +85°C
Extended
1528.77
196.1
61
Red
40km
TXD3XGGI2E00060G
- 5°C to +85°C
Extended
1529.55
196
60
Red
40km
TXD3XGGI2E00059G
- 5°C to +85°C
Extended
1530.33
195.9
59
Red
40km
TXD3XGGI2E00058G
- 5°C to +85°C
Extended
1531.12
195.8
58
Red
40km
TXD3XGGI2E00057G
- 5°C to +85°C
Extended
1531.90
195.7
57
Red
40km
TXD3XGGI2E00056G
- 5°C to +85°C
Extended
1532.68
195.6
56
Red
40km
TXD3XGGI2E00055G
- 5°C to +85°C
Extended
1533.47
195.5
55
Red
40km
TXD3XGGI2E00054G
- 5°C to +85°C
Extended
1534.25
195.4
54
Red
40km
TXD3XGGI2E00053G
- 5°C to +85°C
Extended
1535.04
195.3
53
Red
40km
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Latch
Color
Distance
TXD3XGGI2C00047G
- 5°C to +70°C
Commercial
1539.77
194.7
47
Red
40km
TXD3XGGI2C00046G
- 5°C to +70°C
Commercial
1540.56
194.6
46
Red
40km
TXD3XGGI2C00045G
- 5°C to +70°C
Commercial
1541.35
194.5
45
Red
40km
TXD3XGGI2C00044G
- 5°C to +70°C
Commercial
1542.14
194.4
44
Red
40km
TXD3XGGI2C00043G
- 5°C to +70°C
Commercial
1542.94
194.3
43
Red
40km
TXD3XGGI2C00042G
- 5°C to +70°C
Commercial
1543.73
194.2
42
Red
40km
TXD3XGGI2C00041G
- 5°C to +70°C
Commercial
1544.53
194.1
41
Red
40km
TXD3XGGI2C00040G
- 5°C to +70°C
Commercial
1545.32
194.0
40
Red
40km
TXD3XGGI2C00039G
- 5°C to +70°C
Commercial
1546.12
193.9
39
Red
40km
TXD3XGGI2C00038G
- 5°C to +70°C
Commercial
1546.92
193.8
38
Red
40km
TXD3XGGI2C00037G
- 5°C to +70°C
Commercial
1547.72
193.7
37
Red
40km
TXD3XGGI2C00036G
- 5°C to +70°C
Commercial
1548.51
193.6
36
Red
40km
TXD3XGGI2C00035G
- 5°C to +70°C
Commercial
1549.32
193.5
35
Red
40km
TXD3XGGI2C00034G
- 5°C to +70°C
Commercial
1550.12
193.4
34
Red
40km
TXD3XGGI2C00033G
- 5°C to +70°C
Commercial
1550.92
193.3
33
Red
40km
TXD3XGGI2C00032G
- 5°C to +70°C
Commercial
1551.72
193.2
32
Red
40km
TXD3XGGI2C00031G
- 5°C to +70°C
Commercial
1552.52
193.1
31
Red
40km
TXD3XGGI2C00030G
- 5°C to +70°C
Commercial
1553.33
193.0
30
Red
40km
TXD3XGGI2C00029G
- 5°C to +70°C
Commercial
1554.13
192.9
29
Red
40km
TXD3XGGI2C00028G
- 5°C to +70°C
Commercial
1554.94
192.8
28
Red
40km
TXD3XGGI2C00027G
- 5°C to +70°C
Commercial
1555.75
192.7
27
Red
40km
TXD3XGGI2C00026G
- 5°C to +70°C
Commercial
1556.55
192.6
26
Red
40km
TXD3XGGI2C00025G
- 5°C to +70°C
Commercial
1557.36
192.5
25
Red
40km
TXD3XGGI2C00024G
- 5°C to +70°C
Commercial
1558.17
192.4
24
Red
40km
TXD3XGGI2C00023G
- 5°C to +70°C
Commercial
1558.98
192.3
23
Red
40km
TXD3XGGI2C00022G
- 5°C to +70°C
Commercial
1559.79
192.2
22
Red
40km
TXD3XGGI2C00021G
- 5°C to +70°C
Commercial
1560.61
192.1
21
Red
40km
TXD3XGGI2C00020G
- 5°C to +70°C
Commercial
1561.42
192.0
20
Red
40km
TXD3XGGI2C00019G
- 5°C to +70°C
Commercial
1562.23
191.9
19
Red
40km
TXD3XGGI2C00018G
- 5°C to +70°C
Commercial
1563.05
191.8
18
Red
40km
TXD3XGGI2C00017G
- 5°C to +70°C
Commercial
1563.86
191.7
17
Red
40km


Similar Part No. - TXD3XGGI2C00044G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXD3XGHL2C00017G OPLINK-TXD3XGHL2C00017G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00018G OPLINK-TXD3XGHL2C00018G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00019G OPLINK-TXD3XGHL2C00019G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00020G OPLINK-TXD3XGHL2C00020G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00021G OPLINK-TXD3XGHL2C00021G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
More results

Similar Description - TXD3XGGI2C00044G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRBCG1HXZX000E1G OPLINK-TRBCG1HXZX000E1G Datasheet
309Kb / 5P
   sfp Transceiver Digital Diagnostics
TRPAG1SXLAES OPLINK-TRPAG1SXLAES Datasheet
464Kb / 5P
   Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com