Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE03KL2E00050G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPE03KL2E00050G
Description  SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE03KL2E00050G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPE03KL2E00050G Datasheet HTML 1Page - OPLINK Communications Inc. TRPE03KL2E00050G Datasheet HTML 2Page - OPLINK Communications Inc. TRPE03KL2E00050G Datasheet HTML 3Page - OPLINK Communications Inc. TRPE03KL2E00050G Datasheet HTML 4Page - OPLINK Communications Inc. TRPE03KL2E00050G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oplink Communications, Inc
S0210. Rev02. (web) 2012.06.22
2
TRPE03-G CWDM
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They must be operated
under specified operating conditions.
Oplink Communications, Inc.
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Transmitter Performance Characteristics
Receiver Performance Characteristics (Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
156
-
Mb/s
Average Optical Output Power
(coupled into single mode fiber),
50% duty cycle
TRPE03HL2xG
P
O
- 2.0
-
+ 3.0
dBm
TRPE03KL2xG
0
-
+ 5.0
Extinction Ratio
ER
10
-
-
dB
Center Wavelength
1471
λ
C
1464.5
1471
1477.5
nm
1491
1484.5
1491
1497.5
1511
1504.5
1511
1517.5
1531
1524.5
1531
1537.5
1551
1544.5
1551
1557.5
1571
1564.5
1571
1577.5
1591
1584.5
1591
1597.5
1611
1604.5
1611
1617.5
Spectral Width (-20dB)
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Output Eye
Compliant with Telcordia GR-253-CORE and ITU-T Recommendation G.957
1
Specified through EOL.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
156
-
Mb/s
Receiver Sensitivity (10 -10 BER) 2
Pmin
- 34.0
- 37.0
-
dBm
Maximum Input Optical Power (10-12 BER) 2
Pmax
0
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 34.0
dBm
Decreasing Light Input
Plos-
- 45.0
-
-
LOS Timing Delay
Increasing Light Input
t
_loss_off
-
-
100
µs
Decreasing Light Input
t
_loss_on
2.3
-
100
LOS Hysteresis
-
1.0
-
-
dB
Wavelength of Operation
λ
1100
-
1620
nm
Receiver Reflectance
-
-
-
- 25.0
dB
1
Data rate ranges from 50Mb/s to 266Mb/s. However, some degradation may be incurred in overall performance.
2
Measured with 223-1 PRBS at 156Mb/s.
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)


Similar Part No. - TRPE03KL2E00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03KE2C00010G OPLINK-TRPE03KE2C00010G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRPE03KE2C00020G OPLINK-TRPE03KE2C00020G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRPE03KE2C00030G OPLINK-TRPE03KE2C00030G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRPE03KE2C00040G OPLINK-TRPE03KE2C00040G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRPE03KE2C00050G OPLINK-TRPE03KE2C00050G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
More results

Similar Description - TRPE03KL2E00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-G OPLINK-TRPEG1-G Datasheet
310Kb / 6P
   CWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRXAG1M OPLINK-TRXAG1M Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
TRPEG1-E2G OPLINK-TRPEG1-E2G Datasheet
348Kb / 5P
   Fibre Channel SFP Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com