Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3893APFT Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB3893APFT
Description  Power Management IC for Mobile Phone
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3893APFT Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB3893APFT Datasheet HTML 1Page - Fujitsu Component Limited. MB3893APFT Datasheet HTML 2Page - Fujitsu Component Limited. MB3893APFT Datasheet HTML 3Page - Fujitsu Component Limited. MB3893APFT Datasheet HTML 4Page - Fujitsu Component Limited. MB3893APFT Datasheet HTML 5Page - Fujitsu Component Limited. MB3893APFT Datasheet HTML 6Page - Fujitsu Component Limited. MB3893APFT Datasheet HTML 7Page - Fujitsu Component Limited. MB3893APFT Datasheet HTML 8Page - Fujitsu Component Limited. MB3893APFT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
DS04-27800-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP For Power Management Applications (Mobile Phones)
Power Management IC
for Mobile Phone
MB3893A
s
s
s
s DESCRIPTION
MB3893A is a multi-function power management IC chip with built-in 4-channel series regulator providing the
output control functions and power supply drop detection circuits required for mobile phones. The MB3893A
includes lithium-ion battery charge control functions and functions as a built-in power management system ideal
for mobile phone devices.
s
s
s
s FEATURES
[Power Supply Control Unit]
• Supply voltage range
: VCC
= 3.1 V to 4.8 V
• Low power consumption current during standby
: 110
µA (Max.)
• Built-in 4-channel low-saturation voltage type series regulator
: 2.5 V/2 channels, 1.8 V/1 channels,
2.0 V/1 channels (1.9 V and 2.2 V available as mask options)
• Built-in interruption detection and supply recovery functions eliminate need for supplementary power supply
• Built-in On/Off switch circuit with accidental operation prevention function
• Accurate supply voltage drop detection
• Built-in power-on reset (OUT1) function
• Detection voltage with hysteresis
[Charge Control Unit]
• Supply voltage range
: VIN
= 3.4 V to 5.9 V
• Built-in lithium-ion battery charge control functions
• Charging voltage
: 4.1 V/4.2 V (switchable)
• Built-in preliminary charging function
• Built-in re-charging function
• Built-in timer functions
• Built-in battery temperature detection function
s
s
s
s PACKAGES
48-pin plastic LQFP
48-pin plastic TQFP
(FPT-48P-M05)
(FPT-48P-M24)


Similar Part No. - MB3893APFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
MB3891PFV FUJITSU-MB3891PFV Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
MB3892 FUJITSU-MB3892 Datasheet
503Kb / 40P
   Power Management IC for Mobile Phone
MB3892PFF FUJITSU-MB3892PFF Datasheet
503Kb / 40P
   Power Management IC for Mobile Phone
More results

Similar Description - MB3893APFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3892 FUJITSU-MB3892 Datasheet
503Kb / 40P
   Power Management IC for Mobile Phone
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
logo
Rohm
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
   Mobile Phone Power Management System
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com