Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3107 Datasheet(PDF) 4 Page - NEC

Part # 2SK3107
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3107 Datasheet(HTML) 4 Page - NEC

  2SK3107 Datasheet HTML 1Page - NEC 2SK3107 Datasheet HTML 2Page - NEC 2SK3107 Datasheet HTML 3Page - NEC 2SK3107 Datasheet HTML 4Page - NEC 2SK3107 Datasheet HTML 5Page - NEC 2SK3107 Datasheet HTML 6Page - NEC 2SK3107 Datasheet HTML 7Page - NEC 2SK3107 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D13802EJ2V0DS00
4
2SK3107
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1
0.1
0.01
0.001
0.0001
ID - Drain Current - A
0
2
8
4
6
10
VGS = 10 V
TA = 125˚C
75˚C
25˚C
−25˚C
0
10
20
30
48
12
16
20
VGS - Gate to Source Voltage - V
ID = 1 mA
10 mA
100 mA
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
110
0.01
0.1
100
10
100
1
0.1
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
Ciss
Coss
Crss
f = 1 MHz
VGS = 0 V
0.1
1
10
ID - Drain Current - A
1000
SWITCHING CHARACTERISTICS
VDD = 3 V
VGS(on) = 4V
RG = 10
100
10
td(off)
td(on)
tf
tr
0.0001
0.001
0.01
1
0.1
0.6
0.4
0.8
1.0
1.2
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
VF(S-D) - Source to Drain Voltage - V
5
5


Similar Part No. - 2SK3107

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3107 RENESAS-2SK3107 Datasheet
312Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1999
2SK3107C RENESAS-2SK3107C Datasheet
98Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK3107C-T1-A RENESAS-2SK3107C-T1-A Datasheet
98Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK3107C-T1-AT RENESAS-2SK3107C-T1-AT Datasheet
98Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

Similar Description - 2SK3107

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3576 NEC-2SK3576 Datasheet
66Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA611TA NEC-UPA611TA Datasheet
52Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK1399 NEC-2SK1399 Datasheet
46Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3503 NEC-2SK3503 Datasheet
114Kb / 5P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA675T NEC-UPA675T Datasheet
49Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2858 NEC-2SK2858 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3577 NEC-2SK3577 Datasheet
70Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2541 NEC-2SK2541 Datasheet
294Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING?
2SK2857 NEC-2SK2857 Datasheet
62Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com