Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXP3XGGI2C000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TXP3XGGI2C000E2G
Description  Multi-rate 10-Gigabit 40km XFP Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP3XGGI2C000E2G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TXP3XGGI2C000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TXP3XGGI2C000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TXP3XGGI2C000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TXP3XGGI2C000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TXP3XGGI2C000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TXP3XGGI2C000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Oplink Communications, Inc
S0353. Rev.02 (web) 2013-02-21
2
TXP3XGGI2x
Oplink Communications, Inc.
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety: All transceivers are Class I Laser
products per FDA/CDRH and IEC-60825 standards.
They must be operated under specified operating
conditions.
Transmitter Performance Characteristics
(Over Operating Case Temperature Range)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
9.95
-
11.09
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
- 1.0
-
+ 3.0
dBm
Transmitter OFF Power
P
OFF
-
-
- 45.0
dBm
Extinction Ratio
ER
8.2
-
-
dB
Center Wavelength
λ
C
1530
1550
1565
nm
Spectral Width (-20dB)
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Relative Intensity Noise
RIN
-
-
- 130
dB/Hz
Reflectance Tolerance
ref
T
-
-
- 27
dB
Jitter Generation 2
20 kHz – 80 MHz
JG
20K
-
-
0.3
UI
pp
4 MHz – 80 MHz
JG
4M
-
-
0.1
UI
pp
Dispersion Penalty
@ 9.95Gb/s (10-12 BER)
DP
-
-
2.0
dB
@ 11.09Gb/s (10-4 BER)
-
-
2.5
Optical Output Eye
Compliant with GR253-CORE, IEEE 803.3ae , and ITU-T G.959
1
8.5Gb/s is supported through Data Rate Selection feature.
2
Jitter generation is compliant with GR-253 and G.8251.
Receiver Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
9.95
-
11.09
Gb/s
Receiver Sensitivity
@ 9.95Gb/s (10-12 BER)
Pmin
-
-
- 16.0
dBm
@ 11.09Gb/s (10-4 BER)
-
-
- 19.0
Maximum Input Power
P
MAX
- 1.0
-
-
dBm
LOS Thresholds
Increasing Light Input
P
los+
-
-
- 19.0
dBm
Decreasing Light Input
P
los-
- 28.0
-
-
LOS Hysteresis
-
+ 0.5
-
-
dB
Wavelength of Operation
λ
1270
-
1600
nm
Receiver Reflectance
-
-
-
- 27
dB
1
8.5Gb/s is supported through Data Rate Selection feature.
(Over Operating Case Temperature Range)


Similar Part No. - TXP3XGGI2C000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP3XGHL2C000E2G OPLINK-TXP3XGHL2C000E2G Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXP3XGHL2E000E2G OPLINK-TXP3XGHL2E000E2G Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXP3XGHL2I000E2G OPLINK-TXP3XGHL2I000E2G Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
More results

Similar Description - TXP3XGGI2C000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
logo
MRV Communications, Inc...
XFP-10GD-SX MRV-XFP-10GD-SX Datasheet
59Kb / 2P
   10 Gigabit XFP Transceivers
logo
Finisar Corporation.
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Finisar Corporation.
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com