Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE03KL2C00060G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPE03KL2C00060G
Description  SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE03KL2C00060G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPE03KL2C00060G Datasheet HTML 1Page - OPLINK Communications Inc. TRPE03KL2C00060G Datasheet HTML 2Page - OPLINK Communications Inc. TRPE03KL2C00060G Datasheet HTML 3Page - OPLINK Communications Inc. TRPE03KL2C00060G Datasheet HTML 4Page - OPLINK Communications Inc. TRPE03KL2C00060G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
An Oplink Company
OC-3/STM-1 SFP CWDM Transceivers
with Digital Diagnostics
TRPE03-G CWDM
The TRPE03-G CWDM SFP series of fiber optic transceivers with inte-
grated digital diagnostics monitoring functionality provide a quick
and reliable interface for long reach (LR) applications. The diagnos-
tic functions, alarm and warning features as described in the Multi-
Source Agreement (MSA) document, SFF-8472 (Rev.9.4), are provided
via an I2C serial interface.
Products under this series are compatible with SONET/SDH stan-
dards for OC-3/STM-1 LR-2/L-1.2 and are available in eight (8) wave-
lengths: 1471nm, 1491nm, 1511nm, 1531nm, 1551nm, 1571nm,
1591nm and 1611nm. Two optical link power budgets are available,
32dB and 34dB, providing an extra 3dB and 5dB over SONET/SDH link
budgets, respectively, to accommodate the wavelength multiplexing
and de-multiplexing insertion losses. All modules satisfy Class I Laser
Safety requirements in accordance with the U.S. FDA/CDRH and in-
ternational IEC-60825 standards.
The TRPE03-G CWDM transceivers connect to standard 20-pad con-
nectors for hot plug capability. This allows the system designer to
make configuration changes or maintenance by simply plugging in
different types of transceivers without removing the power supply
from the host system.
The transceivers have colored bail-type latches, which offer an easy
and convenient way to release the modules. The latch is compliant
with the SFP MSA.
The transmitter and receiver DATA interfaces are AC-coupled inter-
nally. LV-TTL Transmitter Disable control input and Loss of Signal out-
put interfaces are also provided.
The transceivers operate from a single +3.3V power supply over an
operating case temperature range of -5°C to +70°C (Commercial) or
-5°C to +85°C (Extended). The housing is made of metal for EMI im-
munity.
Product Description
Features
S0210. Rev02. (web) 2012.06.22
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
Commercial
T
OP
- 5
+ 70
°C
Extended
- 5
+ 85
Supply Voltage
V
CC
0
+ 5.0
V
Input Voltage
V
IN
0
V
CC
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
Eight (8) Wavelength CWDM Transceivers
Lead Free Design & Fully RoHS Compliant
Compatible with SFP MSA
Compatible with SONET/SDH OC-3/STM-1
(155Mb/s) LR-2/L-1.2 Long Reach Specifications
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Optical Link Power Budgets of 32dB & 34dB
Minimum
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Loss of Signal Output & TX Disable Input
Hot-pluggable
TX Fault & Loss of Signal Outputs
TX Disable Input
Pb


Similar Part No. - TRPE03KL2C00060G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03KE2C00010G OPLINK-TRPE03KE2C00010G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRPE03KE2C00020G OPLINK-TRPE03KE2C00020G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRPE03KE2C00030G OPLINK-TRPE03KE2C00030G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRPE03KE2C00040G OPLINK-TRPE03KE2C00040G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
TRPE03KE2C00050G OPLINK-TRPE03KE2C00050G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
More results

Similar Description - TRPE03KL2C00060G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-G OPLINK-TRPEG1-G Datasheet
310Kb / 6P
   CWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRXAG1M OPLINK-TRXAG1M Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
TRPEG1-E2G OPLINK-TRPEG1-E2G Datasheet
348Kb / 5P
   Fibre Channel SFP Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com