Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM0003 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0003
Description  SRM POWER MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0003 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0003 Datasheet HTML 1Page - Solid States Devices, Inc PM0003 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
PRELIMINARY
UNITS
MIN
MAX
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
ELECTRICAL CHARACTERISTICS @ TJ =25
oC, per Cell (Unless Otherwise Specified)
Instantaneous Forward Voltage
Drop
PARAMETER
SYMBOL
MIN
MAX
UNIT
Reverse Leakage
IR1
IR2
(VR = 600V, TB = 25
oC)
(VR = 600V, TB = 100
oC)
100
1000
:Amps
SPMR451-01
-
-
Insulation Resistance (All terminals to Base @1000V)
RINSUL1
1-
G
S
Insulation Resistance (Between Cells @1000V)
RINSUL2
1-
G
S
(IF = 180A,TB = 25
oC)
(IF = 180A, TB = -55
oC)
VF1
VF2
2.5
2.8
Volts
-
-
Resistance of Series Resistors
RSER
215
225
k
S
Resistance of Monitor Resistors
RMON
4.4
4.6
k
S
Tolerances
(Unless specified):
.XX
.XXX
".03
".010
PACKAGE OUTLINE: ASPM


Similar Part No. - PM0003

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0003 SSDI-PM0003_15 Datasheet
129Kb / 2P
   SRM POWER MODULE
More results

Similar Description - PM0003

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0003 SSDI-PM0003_15 Datasheet
129Kb / 2P
   SRM POWER MODULE
logo
Fairchild Semiconductor
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60_06 Datasheet
234Kb / 16P
   Smart Power Module for SRM
FCAS30DN60BB FAIRCHILD-FCAS30DN60BB Datasheet
384Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
logo
Solid States Devices, I...
SPMR451-01 SSDI-SPMR451-01 Datasheet
128Kb / 2P
   180 AMPS/600 VOLTS 5 CELLS SRM POWER MODULE
logo
E-SWITCH
SRJ E-SWITCH-SRJ Datasheet
245Kb / 1P
   SRJ / SRK / SRM / SRT Series
logo
List of Unclassifed Man...
E04 ETC2-E04 Datasheet
1Mb / 3P
   Split Cores SR and SRM Types
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
   Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
   Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com