Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3892 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB3892
Description  Power Management IC for Mobile Phone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3892 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB3892 Datasheet HTML 1Page - Fujitsu Component Limited. MB3892 Datasheet HTML 2Page - Fujitsu Component Limited. MB3892 Datasheet HTML 3Page - Fujitsu Component Limited. MB3892 Datasheet HTML 4Page - Fujitsu Component Limited. MB3892 Datasheet HTML 5Page - Fujitsu Component Limited. MB3892 Datasheet HTML 6Page - Fujitsu Component Limited. MB3892 Datasheet HTML 7Page - Fujitsu Component Limited. MB3892 Datasheet HTML 8Page - Fujitsu Component Limited. MB3892 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DS04-27802-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP For Power Management Applications (Mobile Phones)
Power Management IC for Mobile
Phone
MB3892
s
s
s
s DESCRIPTION
MB3892 is a low-saturation voltage type series regulator contains 3 channels for the baseband regulator, 1 channel
for the backup regulator, 6 channels for the RF regulator, and 1 channel for the variable regulator. MB3892 is built
in reset circuit, serial control circuit, operation Amp. for charge control of Lithium ion battery, LED drive circuit,
receiver Amp., loudspeaker drive Amp., sounder circuit, vibrator drive circuit, and 4-ch D/A converter and the
devices is miniaturized by systematization of built-in power supply for mobile phone.
s
s
s
s FEATURES
• Power supply voltage range
: VB
= 2.85 V to 5.5 V
: EXTVCC
= 3.0 V to 6.5 V
• Low power consumption current during standby
: 100
µA (Max.)
• Built-in low-saturation voltage type series regulator
• Built-in power-on reset function
• Built-in serial control function
• Built-in operation Amp. for charge control of Lithium ion battery
• Special power off function
(To prevent battery discharge, this function controls the power consumption current of main IC under 11
µA
(typ.) on the shipment.)
s
s
s
s PACKAGE
80-pin plastic LQFP
(FPT-80P-M17)


Similar Part No. - MB3892

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
MB3891PFV FUJITSU-MB3891PFV Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3893APFT FUJITSU-MB3893APFT Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3893APFV FUJITSU-MB3893APFV Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
More results

Similar Description - MB3892

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
logo
Rohm
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
   Mobile Phone Power Management System
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com