Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3891PFV Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB3891PFV
Description  Power Management IC for GSM Mobile Phone
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3891PFV Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB3891PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB3891PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB3891PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB3891PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB3891PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB3891PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB3891PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB3891PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB3891PFV Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
MB3891
7
s
s
s
s ELECTRICAL CHARACTERISTICS
(Ta
= +25 °C, VBAT1 to VBAT4 = VCC-VSIM = 3.6 V)
* : Standard design value
(Continued)
Parameter
Symbol
Pin No.
Conditions
Value
Unit
Min.
Typ.
Max.
General
Shutdown supply
current
IBAT1
8, 9, 10, 11,
20, 42, 43,
60, 61, 62
UVLO
= “L”,
BACKUP UVLO
= “L”

80
µA
IBAT2
8, 9, 10, 11,
20, 42, 43,
60, 61, 62
UVLO
= “L”,
BACKUP UVLO
= “H”

160
µA
Standby supply
current
IBAT3
8, 9, 10, 11,
20, 42, 43,
60, 61, 62
All circuit’s = On
(No load)

400
µA
Operating ground
current
IGND
4, 5, 19,
32, 59
All circuit’s -VSIM =
On Max. load on all
regulators

10
mA
UVLO threshold
voltage
VTHH
8, 9, 10, 11,
20, 42, 43,
60, 61, 62
OUT1
= ON
2.980
3.080
3.180
V
VTHL
8, 9, 10, 11,
20, 42, 43,
60, 61, 62
OUT1
= OFF
2.780
2.880
2.980
V
BACKUP UVLO
threshold voltage
VTHH
8, 9, 10, 11,
20, 42, 43,
60, 61, 62
V-BACKUP
= ON
2.980
3.080
3.180
V
VTHL
8, 9, 10, 11,
20, 42, 43,
60, 61, 62
V-BACKUP
= OFF
2.580
2.680
2.780
V
Input voltage
VIH
16, 56, 57
0.7
×
OUT1
OUT1
V
VIL
16, 56, 57
0
0.3
×
OUT1
V
VIH
14, 15, 44
0.7
×
VBAT
VBAT
V
VIL
14, 15, 44
0
0.3
×
VBAT
V
VIH
26, 27
0.7
×
VCC
-VSIM
VCC-VSIM
V
VIL
26, 27
0
0.3
×
VCC
-VSIM
V
Pull-up resistor
RPU
17

15*
k
RPU
14, 57

200*
k
Pull-down resistor
RPD
15, 53, 54, 55

200*
k


Similar Part No. - MB3891PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3892 FUJITSU-MB3892 Datasheet
503Kb / 40P
   Power Management IC for Mobile Phone
MB3892PFF FUJITSU-MB3892PFF Datasheet
503Kb / 40P
   Power Management IC for Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3893APFT FUJITSU-MB3893APFT Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3893APFV FUJITSU-MB3893APFV Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
More results

Similar Description - MB3891PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3892 FUJITSU-MB3892 Datasheet
503Kb / 40P
   Power Management IC for Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
logo
Rohm
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
   Mobile Phone Power Management System
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Hitachi Semiconductor
PF0121 HITACHI-PF0121 Datasheet
51Kb / 12P
   MOS FET Power Amplifier Module for GSM Mobile Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com