Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA244 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SA244
Description  Universal Programmers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA244 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SA244 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA244 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA244 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SA:PLCC32
SA:PLCC44
SA413
B005
11.5*11.5
1.27
28
$195.00
SA413A
B005
11.5*11.5
1.27
28
$130.00
Part #
BottomPCB
W*L(mm)
Pitch
Pin #
Price
SA002
B001
11.5*14.0
1.27
32
$95.00
SA003
-
11.5*14.0
1.27
32
$95.00
SA015A1T
B001
11.5*14.0
1.27
32
$95.00
SA412
B005
14.1*14.1
1.27
32
$130.00
SA412A
B005
14.1*14.1
1.27
32
$130.00
Part #
BottomPCB
W*L(mm)
Pitch
Pin #
Price
SA004
B002
17.5*17.5
1.27
44
$110.00
Page 2 of 3
Xeltek Inc. :: Socket Adapter: PLCC (1)#PLCC20
2/13/2006
http://www.xeltek.com/pages.php?pageid=114


Similar Part No. - SA244

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SA24 CHENDA-SA24 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA24 PANJIT-SA24 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA24 FCI-SA24 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA24 TSC-SA24 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA24 CHONGQING-SA24 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA244

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
logo
STMicroelectronics
ST6-EPB STMICROELECTRONICS-ST6-EPB Datasheet
48Kb / 3P
   ST6 EPROM programmers
October 2010 Rev 1
logo
Linear Technology
LTC1699 LINER-LTC1699 Datasheet
254Kb / 20P
   SMBus VID Voltage Programmers
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
   Programmers and Shorting Plugs
logo
Linear Technology
LTC1699 LINER-LTC1699_15 Datasheet
260Kb / 20P
   SMBus VID Voltage Programmers
logo
Aries Electronics, Inc.
16003 ARIES-16003 Datasheet
192Kb / 1P
   Programmers and Shorting Plugs
logo
Silicon Laboratories
AN452 SILABS-AN452 Datasheet
113Kb / 26P
   WIRELESS M-BUS STACK PROGRAMMERS GUIDE
logo
STMicroelectronics
ST62EXX-GP STMICROELECTRONICS-ST62EXX-GP Datasheet
98Kb / 2P
   GANG PROGRAMMERS FOR ST62 MCU FAMILY
logo
Silicon Laboratories
AN282 SILABS-AN282 Datasheet
881Kb / 22P
   USB MASS STORAGE DEVICE REFERENCE DESIGN PROGRAMMERS GUIDE
AN241 SILABS-AN241 Datasheet
261Kb / 30P
   2.4 GHZ ZIGBEE?줟ETWORK APPLICATION INTERFACE PROGRAMMERS GUIDE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com