Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV10H560K Datasheet(PDF) 7 Page - Tyco Electronics

Part # ROV10H560K
Description  Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV10H560K Datasheet(HTML) 7 Page - Tyco Electronics

Back Button ROV10H560K Datasheet HTML 2Page - Tyco Electronics ROV10H560K Datasheet HTML 3Page - Tyco Electronics ROV10H560K Datasheet HTML 4Page - Tyco Electronics ROV10H560K Datasheet HTML 5Page - Tyco Electronics ROV10H560K Datasheet HTML 6Page - Tyco Electronics ROV10H560K Datasheet HTML 7Page - Tyco Electronics ROV10H560K Datasheet HTML 8Page - Tyco Electronics ROV10H560K Datasheet HTML 9Page - Tyco Electronics ROV10H560K Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Metal Oxide Varistors
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: ROV10, ROV10H
10mm Series
DOCUMENT: SCD 25482
PCN:
REV LETTER: D
REV DATE: JULY 19, 2007
PAGE NO.: 7 of 10
DIMENSIONS
A max.
E
C max.
B
D
15 max.
A max.
E
C max.
F
B1
D
1
λ
λ
KINKED LEAD TYPE
STRAIGHT LEAD TYPE (-S)
Dimension Table
Table of C max., F, and B1 max.
A max.
12.5
λ ± 0.05
0.8
E ± 1.0
7.5
B max.
18.0
D1 min.
25.0
D min.
24.0
Type No.
C max.
F±0.8
B1 max.
180M
4.9
0.8
15.5
220L
4.9
0.9
15.5
270K
5.1
0.9
15.5
330K
5.1
1.0
15.5
390K
5.1
1.2
15.5
470K
5.5
1.2
15.5
560K
5.5
1.4
15.5
680K
6.0
1.7
15.5
820K
4.3
0.8
15.5
101K
4.4
0.8
15.5
121K
4.5
0.9
15.5
151K
4.9
1.2
15.5
181K
4.5
1.0
15.5
201K
4.6
1.0
15.5
221K
4.7
1.1
15.5
241K
4.8
1.3
15.5
271K
5.0
1.4
15.5
301K
5.2
1.6
15.5
331K
5.3
1.6
15.5
361K
5.5
1.9
15.5
391K
5.7
2.2
16.0
431K
6.5
2.5
16.0
471K
6.8
2.6
16.0
511K
7.0
3.1
16.5
561K
7.3
3.4
16.5
621K
7.6
4.0
16.5
681K
8.0
4.4
16.5
751K
8.4
4.4
16.5
781K
8.6
4.6
16.5
821K
8.8
4.6
16.5
911K
9.4
5.4
16.5
102K
9.9
5.4
16.5
112K
10.5
5.7
16.5
182K
12.6
9.8
18.5


Similar Part No. - ROV10H560K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV10H561K MACOM-ROV10H561K Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
More results

Similar Description - ROV10H560K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com