Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3874PFV Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB3874PFV
Description  DC/DC Converter IC for Parallel Charging
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3874PFV Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB3874PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB3874PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB3874PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB3874PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB3874PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB3874PFV Datasheet HTML 11Page - Fujitsu Component Limited. MB3874PFV Datasheet HTML 12Page - Fujitsu Component Limited. MB3874PFV Datasheet HTML 13Page - Fujitsu Component Limited. MB3874PFV Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MB3874/MB3876
10
(Continued)
(MB3874 : Ta = +25
°C, VCC = 16 V, VREF = 0 mA)
(MB3876 : Ta = +25
°C, VCC = 19 V, VREF = 0 mA)
(Continued)
Parameter
Symbol
Pin No.
Conditions
Value
Unit Remarks
Min.
Typ.
Max.
Input current
I+INCH
13, 24
+INC1= +INC2=12.7 V,
–INC1= –INC2=12.6 V
—10
20
µA MB3874
+INC1= +INC2=16.9 V,
–INC1= –INC2=16.8 V
—10
20
µA MB3876
I+INCL
13, 24
+INC1= +INC2= 0.1 V,
–INC1= –INC2= 0 V
–130
–65
µA
Current detection
voltage
V-INE1
3, 10
+INC1= +INC2=12.7 V,
–INC1= –INC2=12.6 V
2.25
2.50
2.75
V
MB3874
+INC1= +INC2=16.9 V,
–INC1= –INC2=16.8 V
2.25
2.50
2.75
V
MB3876
V-INE2
3, 10
+INC1= +INC2=12.63V,
–INC1= –INC2=12.6 V
0.50
0.75
1.00
V
MB3874
+INC1= +INC2=16.83 V,
–INC1= –INC2=16.8 V
0.50
0.75
1.00
V
MB3876
V-INE3
3, 10
+INC1= +INC2= 0.1 V ,
–INC1= –INC2= 0 V
1.25
2.50
3.75
V
V-INE4
3, 10
+INC1= +INC2= 0.03 V,
–INC1= –INC2= 0 V
0.125
0.750
1.375
V
Common mode
input voltage range
VCM
1, 12,
13, 24
—0
VCC
V
Voltage gain
AV
3, 10
+INC1= +INC2=12.7 V,
–INC1= –INC2=12.6 V
22.5
25
27.5
V/V MB3874
+INC1= +INC2=16.9 V,
–INC1= –INC2=16.8 V
22.5
25
27.5
V/V MB3876
Output voltage
VOUTCH
3, 10
3.9
4.1
V
VOUTCL
3, 10
20
200
mV
Threshold voltage
VTL
2, 7,
11, 15
Duty cycle = 0 %
1.4
1.5
V
VTH
2, 7,
11, 15
Duty cycle = 100 %
2.5
2.6
V
Threshold voltage
VTLH
18
FB1 =
2.7
2.8
2.9
V
VTHL
18
FB1 =
2.4
2.5
2.6
V
Hysteresis width
VH
18
0.2
0.3
0.4
V
Output leak current
ILEAK
18
OUTM = 5 V
0
1
µA
Output voltage
VOL
18
OUTM = 1 mA
0.15
0.4
V


Similar Part No. - MB3874PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3870PFV-G-BND FUJITSU-MB3870PFV-G-BND Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3871 FUJITSU-MB3871 Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3871PFV-G-BND FUJITSU-MB3871PFV-G-BND Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3873 FUJITSU-MB3873 Datasheet
210Kb / 22P
   Multi-Resonance AC/DC Converter IC
More results

Similar Description - MB3874PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3832A FUJITSU-MB3832A Datasheet
219Kb / 23P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875 Datasheet
293Kb / 27P
   DC/DC Converter IC for Charging
MB3878 FUJITSU-MB3878 Datasheet
283Kb / 24P
   DC/DC Converter IC for Charging
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875_03 Datasheet
275Kb / 26P
   DC/DC Converter IC for Charging
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com