Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN143-4-02 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RN143-4-02
Description  Current-compensated Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN143-4-02 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RN143-4-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN143-4-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN143-4-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN143-4-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RN143-4-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RN143-4-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Dimensions
RN 102
RN 112
RN 114
RN 122
RN 202
RN 212
RN 214
RN 222
RN 142
RN 143
RN 242
RN 152 Tol.
A
14
17.1
21.5
27
8.8
12.5
15.5
18
32.5
32.5
18
41.8 ±0.3
B
14
17.7
22.5
28
18.2
18
23
31
33.1
33.1
31
43 ±0.3
C
9
12.6
13.2
16.5
13.5
20
25
29.3
19.7
19.7
34.3
25 ±0.3
D
4
4
4
4
4.5
4
4
4
4.3
4.3
4.2
4.5 ±0.5
E
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.2 ±0.1
F
2
2
1.5
2
G
10
10
12.5
15
5.08
10
12.5
15
20
20
15
15 ±0.2
H
10
15
20.1
25
15.21
15
10
12.5
30
30
12.5
40 ±0.2
I
4
8
L
12
12
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m / EN 22768-m
Please visit www.schaffner.com to find more details on filter connections.
5


Similar Part No. - RN143-4-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN143-4-02 ETC2-RN143-4-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN143-4-02 ETC2-RN143-4-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
logo
Schaffner International...
RN143-4-02-3M9 SCHAFFNER-RN143-4-02-3M9 Datasheet
1Mb / 9P
   Current-compensated Chokes
More results

Similar Description - RN143-4-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com