Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6CE1G4410-K220-U Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # FAR-F6CE1G4410-K220-U
Description  Piezoelectric SAW BPF (1000 to 2500 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CE1G4410-K220-U Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button FAR-F6CE1G4410-K220-U Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CE1G4410-K220-U Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CE1G4410-K220-U Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F6CE1G4410-K220-U Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F6CE1G4410-K220-U Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F6CE1G4410-K220-U Datasheet HTML 12Page - Fujitsu Component Limited. FAR-F6CE1G4410-K220-U Datasheet HTML 13Page - Fujitsu Component Limited. FAR-F6CE1G4410-K220-U Datasheet HTML 14Page - Fujitsu Component Limited. FAR-F6CE1G4410-K220-U Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
F6 Series (L2 type)
11
14. Wireless-LAN 26 MHz Band Width (For Japan)
Part number : FAR-F6CE-2G4840-L2WC
(Ta
= 0 to +60 °C)
15. Wireless-LAN 83.5 MHz Band Width (For Europe, USA)
Part number : FAR-F6CE-2G4418-L2WD
(Ta
= 0 to +60 °C)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
2471 to 2497 MHz
2.5
3.5
dB
In-band deviation
2471 to 2497 MHz
1.0
1.5
dB
Absolute
stopband
attenuation
DC to 1700 MHz
20
23
dB
1800 to 2200 MHz
25
27
dB
2700 to 3100 MHz
30
33
dB
4800 to 5000 MHz
10
16
dB
In-band VSWR
(Return loss)
2471 to 2497 MHz
(9.5)
1.5
(14.0)
2.0
(dB)
Max. input power
2471 to 2497 MHz

10
dBm
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
2400 to 2483.5 MHz
3.2
4.5
dB
In-band deviation
2400 to 2483.5 MHz
1.3
2.5
dB
Absolute
stopband
attenuation
DC to 1700 MHz
20
22
dB
1800 to 2200 MHz
25
27
dB
2700 to 3100 MHz
30
33
dB
4800 to 5000 MHz
10
16
dB
In-band VSWR
(Return loss)
2400 to 2483.5 MHz
(7.0)
2.2
(8.5)
2.6
(dB)
Max. input power
2400 to 2483.5 MHz

10
dBm


Similar Part No. - FAR-F6CE1G4410-K220-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6CE1G4410-K220-U FUJITSU-FAR-F6CE1G4410-K220-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F6CE1G4410-K220-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
logo
Teledyne Technologies I...
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
TAI-SAW TECHNOLOGY CO.,...
TA2472A TAI-SAW-TA2472A Datasheet
801Kb / 7P
   SAW Filter 2500 MHz
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
Johanson Technology Inc...
2400DP39A5425 JOHANSON-2400DP39A5425 Datasheet
79Kb / 2P
   2450 / 5400 MHz Diplexer ( BPF / BPF)
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com