Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3871PFV-G-BND Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB3871PFV-G-BND
Description  Mobile Pentium II DC/DC Converter IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3871PFV-G-BND Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB3871PFV-G-BND Datasheet HTML 6Page - Fujitsu Component Limited. MB3871PFV-G-BND Datasheet HTML 7Page - Fujitsu Component Limited. MB3871PFV-G-BND Datasheet HTML 8Page - Fujitsu Component Limited. MB3871PFV-G-BND Datasheet HTML 9Page - Fujitsu Component Limited. MB3871PFV-G-BND Datasheet HTML 10Page - Fujitsu Component Limited. MB3871PFV-G-BND Datasheet HTML 11Page - Fujitsu Component Limited. MB3871PFV-G-BND Datasheet HTML 12Page - Fujitsu Component Limited. MB3871PFV-G-BND Datasheet HTML 13Page - Fujitsu Component Limited. MB3871PFV-G-BND Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
MB3871
(Continued)
(Ta = +25
°C, VCC = 5 V)
Parameter
Symbol
Pin
no.
Condition
Value
Unit
Min.
Typ.
Max.
Over voltage
protection
comparator block
(OVP)
Threshold voltage
VTH
8, 11 VSENSE =
,
VD = 1.3 V
1.15
× VD
1.175
× VD
1.20
× VD
V
Hysteresis voltage
VH
8, 11
3
30
50
mV
VSENSE pin input
current
ISENSE
20
VSENSE = 0 V
–10
–0.1
µA
D/A (VD3 to VD0
pin) (D/A)
D/A input voltage
VIH
14 to
17
—2.0
18
V
D/A input voltage
VIL
14 to
17
—0
1.0
V
Input current
ID
14 to
17
VD3 to VD0 = 5 V
0.05
1.0
µA
General
Standby current
ICCS
23
CTL = 0 V
10
µA
Power supply
current
ICC
23
4.0
6.0
mA


Similar Part No. - MB3871PFV-G-BND

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3870PFV-G-BND FUJITSU-MB3870PFV-G-BND Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3873 FUJITSU-MB3873 Datasheet
210Kb / 22P
   Multi-Resonance AC/DC Converter IC
MB3873PF FUJITSU-MB3873PF Datasheet
210Kb / 22P
   Multi-Resonance AC/DC Converter IC
MB3874 FUJITSU-MB3874 Datasheet
323Kb / 28P
   DC/DC Converter IC for Parallel Charging
More results

Similar Description - MB3871PFV-G-BND

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3828 FUJITSU-MB3828 Datasheet
245Kb / 26P
   Pentium DC/DC Converter IC
logo
Fairchild Semiconductor
AN-53 FAIRCHILD-AN-53 Datasheet
143Kb / 20P
   Implementing an RC5051 DC-DC Converter on Pentium II Motherboards
logo
List of Unclassifed Man...
TK11815M ETC-TK11815M Datasheet
11Kb / 1P
   DC-DC CONVERTER IC
logo
Sanyo Semicon Device
LV5071M SANYO-LV5071M Datasheet
195Kb / 9P
   DC/DC Converter IC
LV5072M SANYO-LV5072M Datasheet
218Kb / 9P
   DC/DC Converter IC
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N_17 Datasheet
241Kb / 4P
   DC-DC Converter Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com