Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3402 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402 Datasheet(HTML) 5 Page - Texas Instruments

  LM3402_14 Datasheet HTML 1Page - Texas Instruments LM3402_14 Datasheet HTML 2Page - Texas Instruments LM3402_14 Datasheet HTML 3Page - Texas Instruments LM3402_14 Datasheet HTML 4Page - Texas Instruments LM3402_14 Datasheet HTML 5Page - Texas Instruments LM3402_14 Datasheet HTML 6Page - Texas Instruments LM3402_14 Datasheet HTML 7Page - Texas Instruments LM3402_14 Datasheet HTML 8Page - Texas Instruments LM3402_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM3402, LM3402HV
www.ti.com
SNVS450D – SEPTEMBER 2006 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS LM3402/LM3402HV (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDR-HYS
BOOT Under-voltage Lock-out Hysteresis
BOOT–SW Decreasing
400
mV
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
165
°C
TSD-HYS
Thermal Shutdown Hysteresis
25
°C
THERMAL RESISTANCE
θJA
Junction to Ambient
VSSOP-8 Package
200
°C/W
SO PowerPAD-8 Package
50
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3402 LM3402HV


Similar Part No. - LM3402_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_1 Datasheet
691Kb / 18P
   LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_15 Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
More results

Similar Description - LM3402_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com