Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN1305TE85LF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1305TE85LF
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1305TE85LF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1305TE85LF Datasheet HTML 1Page - Toshiba Semiconductor RN1305TE85LF Datasheet HTML 2Page - Toshiba Semiconductor RN1305TE85LF Datasheet HTML 3Page - Toshiba Semiconductor RN1305TE85LF Datasheet HTML 4Page - Toshiba Semiconductor RN1305TE85LF Datasheet HTML 5Page - Toshiba Semiconductor RN1305TE85LF Datasheet HTML 6Page - Toshiba Semiconductor RN1305TE85LF Datasheet HTML 7Page - Toshiba Semiconductor RN1305TE85LF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN1301~RN1306
2010-04-06
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50V, IE = 0
100
Collector cut-off current
RN1301 to 1306
ICEO
VCE = 50V, IB = 0
500
nA
RN1301
0.82
1.52
RN1302
0.38
0.71
RN1303
0.17
0.33
RN1304
VEB = 10V, IC = 0
0.082
0.15
RN1305
0.078
0.145
Emitter cut-off current
RN1306
IEBO
VEB = 5V, IC = 0
0.074
0.138
mA
RN1301
30
RN1302
50
RN1303
70
RN1304
80
RN1305
80
DC current gain
RN1306
hFE
VCE = 5V, IC = 10mA
80
Collector-emitter
saturation voltage
RN1301 to 1306
VCE (sat)
IC = 5mA,
IB = 0.25mA
0.1
0.3
V
RN1301
1.1
2.0
RN1302
1.2
2.4
RN1303
1.3
3.0
RN1304
1.5
5.0
RN1305
0.6
1.1
Input voltage (ON)
RN1306
VI (ON)
VCE = 0.2V, IC = 5mA
0.7
1.3
V
RN1301 to 1304
1.0
1.5
Input voltage (OFF)
RN1305, 1306
VI (OFF)
VCE = 5V, IC = 0.1mA
0.5
0.8
V
Transition frequency
RN1301 to 1306
fT
VCE = 10V, IC = 5mA
250
MHz
Collector output
capacitance
RN1301 to 1306
Cob
VCB = 10V, IE = 0,
f = 1MHz
3
6
pF
RN1301
3.29
4.7
6.11
RN1302
7
10
13
RN1303
15.4
22
28.6
RN1304
32.9
47
61.1
RN1305
1.54
2.2
2.86
Input resistor
RN1306
R1
3.29
4.7
6.11
kΩ
RN1301 to 1304
0.9
1.0
1.1
RN1305
0.0421 0.0468 0.0515
Resistor ratio
RN1306
R1/R2
0.09
0.1
0.11


Similar Part No. - RN1305TE85LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1305 TOSHIBA-RN1305 Datasheet
251Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN1305TE85LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN6001 TOSHIBA-RN6001 Datasheet
90Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com