Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM25400-1CR Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # HM25400-1CR
Description  Industrys fi rst modular fuse block simplifi es design and enhances safety
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HM25400-1CR Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button HM25400-1CR Datasheet HTML 3Page - Cooper Bussmann, Inc. HM25400-1CR Datasheet HTML 4Page - Cooper Bussmann, Inc. HM25400-1CR Datasheet HTML 5Page - Cooper Bussmann, Inc. HM25400-1CR Datasheet HTML 6Page - Cooper Bussmann, Inc. HM25400-1CR Datasheet HTML 7Page - Cooper Bussmann, Inc. HM25400-1CR Datasheet HTML 8Page - Cooper Bussmann, Inc. HM25400-1CR Datasheet HTML 9Page - Cooper Bussmann, Inc. HM25400-1CR Datasheet HTML 10Page - Cooper Bussmann, Inc. HM25400-1CR Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Knifeblade Fuse Block Part Number Table - Class J
For engineering drawings, go to www.cooperbussmann.com/KnifebladeFuseBlocks
7
Catalog Number
Covers*
Fuse Range
Number
Wire Range
Wire Range
Torque
Bussmann
Class J
w/o Indication
w/ Indication
Volts
(amps)
of Poles
(solid and stranded)***
(fine stranded) N•m (Lb-In)
Fuses
JM60100-1CR
1
1-3 AWG
6.2 (55)
2
1/0-3 AWG; (2) Cu 4-6 AWG
4-6 AWG
5.6 (50)
JM60100-2CR
CVR-J-60100
CVRI-J-60100
70-
4-6 AWG; (2) Cu 8 AWG
8 AWG
5.1 (45)
JM60100-3CR
100
8 AWG; (2) Cu 10-14 AWG
4.5 (40)
3
Cu 10-14 AWG; Al 10-12 AWG
4.0 (35)
JM60200-1CR
110-
1
250 MCM-1 AWG
3/0-1 AWG
42 (375)
JM60200-2CR
CVR-J-60200
CVRI-J-60200
200
2
2-6 AWG; (2) Cu 2-6 AWG
2-6 AWG
31 (275)
LPJ_SP
JM60200-3CR
3
LPJ_SPI**
JM60400-1CR
600
1
600kcmil
57 (500)
JKS
JM60400-2CR
2
500kcmil-4 AWG
51 (450)
DFJ
JM60400-3CR
3
(2) Cu 3/0 - 4 AWG
57 (500)
CVR-J-60400-M CVRI-J-60400-M
225-400
(2) Al 3/0 - 4 AWG
N/A
34 (300)
JM60400-1MW22
1
(2) 350kcmil-1 AWG
42 (375)
JM60400-2MW22
2
(2) 2 AWG - 6 AWG
51 (275)
JM60400-3MW22
3
JM60600-1CR
450-
1
JM60600-2CR
CVR-J-60600
CVRI-J-60600
600
2
(2) 500kcmil-4 AWG
N/A
51 (450)
JM60600-3CR
3
Class J
*Covers sold serarately. Blown fuse indication requires 90 volts minimum and closed circuit to operate.
**With easyID™ blown fuse indication.
***Ratings for copper and aluminum wire except where otherwise noted.
400A Class J double box lug rated for 75
oC/90oC Cu/Al.
††
For Class J 400A double box lug configuration, optional cover provides IP20 finger-safe protection for
dual 350kcmil-1 AWG wires or one single 350kcmil-6 AWG wire.
Double Box Lug Configurations
• Allows for ease of installation with smaller, more flexible wire
• Capable of achieving maximum current rating with parallel
copper or aluminum wires
• Standard on all 600A blocks
• Optional on 400A Class J blocks
• Compatible with IP20 finger-safe covers††
Optional400A
ClassJVersion
(JM60400-_MW22)
All600AVersions


Similar Part No. - HM25400-1CR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2540C HMSEMI-HM2540C Datasheet
446Kb / 5P
   Dual channel DC motor driver
More results

Similar Description - HM25400-1CR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industrys Best Ratings
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
   Fuse modular terminal block
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
   Fuse modular terminal block
Dec 19, 2022
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
   Fuse modular terminal block - USIG BU
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
   Fuse modular terminal block - USEN 14 N
09/12/2020
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
   Fuse modular terminal block - UK-SI BU
0711632 PHOENIX-0711632 Datasheet
129Kb / 12P
   Fuse modular terminal block - UKK5 HESILED24(6,3X32)
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
   Fuse modular terminal block - QTC 2,5-HESI (5X20)
1088498 PHOENIX-1088498 Datasheet
546Kb / 17P
   Fuse modular terminal block - PT 10-FSI/C
01/13/2022
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
   Fuse modular terminal block - UKK5 HESILA 250(5X20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com