Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM25200-3CR Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # HM25200-3CR
Description  Industrys fi rst modular fuse block simplifi es design and enhances safety
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HM25200-3CR Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  HM25200-3CR Datasheet HTML 1Page - Cooper Bussmann, Inc. HM25200-3CR Datasheet HTML 2Page - Cooper Bussmann, Inc. HM25200-3CR Datasheet HTML 3Page - Cooper Bussmann, Inc. HM25200-3CR Datasheet HTML 4Page - Cooper Bussmann, Inc. HM25200-3CR Datasheet HTML 5Page - Cooper Bussmann, Inc. HM25200-3CR Datasheet HTML 6Page - Cooper Bussmann, Inc. HM25200-3CR Datasheet HTML 7Page - Cooper Bussmann, Inc. HM25200-3CR Datasheet HTML 8Page - Cooper Bussmann, Inc. HM25200-3CR Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For more information visit www.cooperbussmann.com/KnifebladeFuseBlocks
5
Knifeblade Fuse Block Feature Highlights
Probeholesfor
easytestingwithout
removingcover
Multiple
mounting
holesforeach
poleprovide
flexible,
secure
mounting
Standardphase
barriersfor
additional
safety
Finger-safewire
entrywith
cutouttabsfor
largerwires
onallversions
Features
Lockout/tagout
featureimproves
safety
Optionalblownfuse
indicationspeeds
troubleshooting
Optionalsee-
through,snap-on
coverforeasy
visualinspection
Toolless
interlocking
modulardesign
foreasy
point-of-use
assembly
600A Version
(double box lug standard for
easier wiring with smaller,
dual conductors)
400A Class J Version
(JM60400-_MW22 with double
box lug for easier wiring with
smaller, dual conductors)
••
• •
Fingergripsoncover
foreasyremoval
Ventslots
improve
cooling*
*Nofusederatingnecessary.


Similar Part No. - HM25200-3CR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2520 HMSEMI-HM2520 Datasheet
1Mb / 12P
   Brushed DC motor drive circuit
HM2520A HMSEMI-HM2520A Datasheet
1Mb / 12P
   Brushed DC motor drive circuit
HM2520B HMSEMI-HM2520B Datasheet
844Kb / 9P
   2.5-10.0V 2.0A single channel H-bridge driver
HM2520C HMSEMI-HM2520C Datasheet
368Kb / 5P
   Single channel DC motor driver
HM2520E HMSEMI-HM2520E Datasheet
830Kb / 9P
   2.5-10.0V 2.7A single channel H-bridge driver
More results

Similar Description - HM25200-3CR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industrys Best Ratings
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
   Fuse modular terminal block
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
   Fuse modular terminal block
Dec 19, 2022
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
   Fuse modular terminal block - USIG BU
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
   Fuse modular terminal block - USEN 14 N
09/12/2020
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
   Fuse modular terminal block - UK-SI BU
0711632 PHOENIX-0711632 Datasheet
129Kb / 12P
   Fuse modular terminal block - UKK5 HESILED24(6,3X32)
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
   Fuse modular terminal block - QTC 2,5-HESI (5X20)
1088498 PHOENIX-1088498 Datasheet
546Kb / 17P
   Fuse modular terminal block - PT 10-FSI/C
01/13/2022
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
   Fuse modular terminal block - UKK5 HESILA 250(5X20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com