Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM1E60V50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RM1E60V50
Description  Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RM1E60V50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RM1E60V50 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM1E60V50 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM1E60V50 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM1E60V50 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
RM1E...25
RM1E...50
RM1E...100
Rated operational current
AC51 Ta=25 ˚C
25 AACrms
50 AACrms
100 AACrms
AC53a Ta=25 ˚C
5 AACrms
15 AACrms
20 AACrms
Minimum operational current
150 mA
250 mA
400 mA
Rep. overload current t=1s
55 AACrms
125 AACrms
150 AACrms
Non-rep. surge current t=10ms
325 A
p
600 A
p
1150 A
p
Off-state leakage current
< 3 mA
< 3 mA
< 3 mA
I2t for fusing t= 10 ms
525 A2s
1800 A2s
6600 A2s
Critical dV/dt off-state min.
1000 V/µs
1000 V/µs
1000 V/µs
RM1E
Input Specifications
RM1E..AA..
Current controlled input
Control current range (A1-A2)
4-20 mADC
Pick up current
4.2 mADC
Drop out current
4.1 mADC
Response time (input to output)
≤ 20 ms
Voltage drop
< 10 VDC @ 20 mA
Dynamic impedance
≥ 330 Ω
Max. allowable input current
50 mA
Reverse polarity protected
Yes
Note: The use of twisted pair cable for the control input is recommended
RM1E..V..
Voltage controlled input
Supply voltage, Vss (A3-A2)
24 VDC ±20%
Max. supply current
15 mA @ 19.2 VDC
20 mA @ 30 VDC
Control voltage, Vcc (A1-A2)
0-10VDC
Pick up voltage
0.2 VDC
Drop out voltage
0.1VDC
Control input current
0.15 mA @10 VDC
Response time (input to output)
≤ 20 ms
Supply reverse protected
Yes
Output Specifications
Housing Specifications
Weight
25 A, 50 A
Approx. 60 g
100 A
Approx. 100 g
Housing material
Noryl, black
Baseplate
25 A, 50 A
Aluminium
100 A
Copper, nickel-plated
Relay
Mounting screws
M5
Mounting torque
1.5-2.0 Nm
Power terminal
Mounting screws
M5 x 9mm
Mounting torque
2.4 Nm
Control terminal (RM1E..AA..)
Mounting screws
M3 x 9mm
Mounting torque
0.5 Nm
Control terminal (RM1E..V..)
3 pin connector
0.64mm square pin with
2.54mm centre distance,
gold plated brass
Functional Diagram
IO
A1(+)
T1
L1
A2(-)
IC
A3(+)
RM1E..V..
RM1E..AA..
Note: The supply circuit in the RM1E..V versions is provided with reverse pro-
tection in case the female connector is reversed so as to have a reverse volt-
age applied to terminals A1-A3. No reverse protection is provided on the con-
trol and hence the terminal markings indicated should be respected to avoid
any damage to the device.
IO
A1(+)
T1
L1
A2(-)
IC


Similar Part No. - RM1E60V50

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM1 SANKEN-RM1 Datasheet
20Kb / 1P
   Rectifier Diodes
RM1 SANKEN-RM1 Datasheet
221Kb / 3P
   Silicon Diode
logo
Mitsubishi Electric Sem...
RM10 MITSUBISHI-RM10 Datasheet
28Kb / 2P
   Three-Phase Diode Bridge Modules
logo
Sanken electric
RM10 SANKEN-RM10 Datasheet
20Kb / 1P
   Rectifier Diodes
logo
EIC discrete Semiconduc...
RM10 EIC-RM10 Datasheet
39Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - RM1E60V50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS, Standard Range
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
SWT862030 CELDUC-SWT862030 Datasheet
158Kb / 3P
   Three Phase Solid State Relays
logo
Powersem GmbH
PSB1SJDA481000 POWERSEM-PSB1SJDA481000 Datasheet
125Kb / 2P
   Single Phase Solid State Relays
PSB20A1212528 POWERSEM-PSB20A1212528 Datasheet
104Kb / 2P
   Single Phase Solid State Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com