Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM25100-2CR Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # RM25100-2CR
Description  Industrys fi rst modular fuse block simplifi es design and enhances safety
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM25100-2CR Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button RM25100-2CR Datasheet HTML 4Page - Cooper Bussmann, Inc. RM25100-2CR Datasheet HTML 5Page - Cooper Bussmann, Inc. RM25100-2CR Datasheet HTML 6Page - Cooper Bussmann, Inc. RM25100-2CR Datasheet HTML 7Page - Cooper Bussmann, Inc. RM25100-2CR Datasheet HTML 8Page - Cooper Bussmann, Inc. RM25100-2CR Datasheet HTML 9Page - Cooper Bussmann, Inc. RM25100-2CR Datasheet HTML 10Page - Cooper Bussmann, Inc. RM25100-2CR Datasheet HTML 11Page - Cooper Bussmann, Inc. RM25100-2CR Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Class J Dimensional Specifications
For more information visit www.cooperbussmann.com/KnifebladeFuseBlocks
10
70-100A
110-200A
1.26
[4.9]
1.26
[4.9]
450-600A
Dimensions - mm (in)
225-400A
Optional Lug
Standard Lug


Similar Part No. - RM25100-2CR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM25100-1CR ETC2-RM25100-1CR Datasheet
577Kb / 4P
   FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
More results

Similar Description - RM25100-2CR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industrys Best Ratings
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
   Fuse modular terminal block
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
   Fuse modular terminal block
Dec 19, 2022
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
   Fuse modular terminal block - USIG BU
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
   Fuse modular terminal block - USEN 14 N
09/12/2020
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
   Fuse modular terminal block - UK-SI BU
0711632 PHOENIX-0711632 Datasheet
129Kb / 12P
   Fuse modular terminal block - UKK5 HESILED24(6,3X32)
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
   Fuse modular terminal block - QTC 2,5-HESI (5X20)
1088498 PHOENIX-1088498 Datasheet
546Kb / 17P
   Fuse modular terminal block - PT 10-FSI/C
01/13/2022
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
   Fuse modular terminal block - UKK5 HESILA 250(5X20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com