Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3841 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB3841
Description  Power Management Switch IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3841 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB3841 Datasheet HTML 1Page - Fujitsu Component Limited. MB3841 Datasheet HTML 2Page - Fujitsu Component Limited. MB3841 Datasheet HTML 3Page - Fujitsu Component Limited. MB3841 Datasheet HTML 4Page - Fujitsu Component Limited. MB3841 Datasheet HTML 5Page - Fujitsu Component Limited. MB3841 Datasheet HTML 6Page - Fujitsu Component Limited. MB3841 Datasheet HTML 7Page - Fujitsu Component Limited. MB3841 Datasheet HTML 8Page - Fujitsu Component Limited. MB3841 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
MB3841
s ABSOLUTE MAXIMUM RATINGS
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
Note: For CSS, RLIN settings, see p. 9.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Condition
Rating
Unit
Max.
Min.
Input voltage
VIN
–0.3
7.0
V
Power supply voltage
VCC
–0.3
7.0
V
Control voltage
VCTL
–0.3
7.0
V
Switch current
ISW
VIN = 2.2 V to 5.5 V, Ta = +25
°C—3 A (DC)
A
Allowable dissipation
PD
Ta = +85
°C
280
mW
Storage temperature
TSTG
–55
+125
°C
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Input voltage
VIN
—0
5.5
V
Power supply voltage
VCC
—0
5.5
V
Control voltage
VCTL
VCTL
VCC
0—
5.5
V
Switch current
ISW
VIN = 2.2 V to 5.5 V,
VCTL = 2.2 V to 5.5 V
——
2.0
A
SS pin capacitance
CSS
——
10
nF
Current limit
resistance
RLIN
VIN = 5.0 V (ISW = 2 A to 0.1 A)
1.8
24
k
VIN = 2.2 V (ISW = 2 A to 0.1 A)
2.2
51
k
O.C sync current
IOC
VIN = 2.2 V to 5.5 V, VCC
2.2 V
——
1.0
mA
Operating
temperature
TOP
–20
+85
°C


Similar Part No. - MB3841

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3842 FUJITSU-MB3842 Datasheet
146Kb / 19P
   Power Management 2-ch Switch IC
MB3842PFV FUJITSU-MB3842PFV Datasheet
146Kb / 19P
   Power Management 2-ch Switch IC
MB3843 FUJITSU-MB3843 Datasheet
251Kb / 22P
   Lithium Ion Battery Charger DC/DC Converter IC (High Precision with Constant-current Function)
MB3843PFV FUJITSU-MB3843PFV Datasheet
251Kb / 22P
   Lithium Ion Battery Charger DC/DC Converter IC (High Precision with Constant-current Function)
MB3845 FUJITSU-MB3845 Datasheet
146Kb / 19P
   Power Management 2-ch Switch IC
More results

Similar Description - MB3841

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
logo
Fujitsu Component Limit...
MB3842 FUJITSU-MB3842 Datasheet
146Kb / 19P
   Power Management 2-ch Switch IC
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com