Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM85 Datasheet(PDF) 6 Page - Altech corporation

Part # RM85
Description  Miniature Electromagnetic Relays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RM85 Datasheet(HTML) 6 Page - Altech corporation

  RM85 Datasheet HTML 1Page - Altech corporation RM85 Datasheet HTML 2Page - Altech corporation RM85 Datasheet HTML 3Page - Altech corporation RM85 Datasheet HTML 4Page - Altech corporation RM85 Datasheet HTML 5Page - Altech corporation RM85 Datasheet HTML 6Page - Altech corporation RM85 Datasheet HTML 7Page - Altech corporation RM85 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GZT80-0040
GZT80-0035
Module type M... (see page 113)
GZM80-0041
**
ZGGZ80 (see page 110)
GZT80-0040
GZT80-0035
Module type M... (see page 113)
GZM80-0041
**
ZGGZ80 (see page 110)
RM84
RM85
NC
COM
NO
COIL
22
12
21
11
24
14
A2 A1
22
12
21
11
24
14
A2 A1
RM84
RM85
COM
NO
NC
COIL
21
11
24
14
22
12
A2 A1
21
11
24
14
22 12
A2 A1
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
81
RM84 / RM85 / RM87
Miniature Electromagnetic Relays - Plug-in Sockets and Accessories
DATA SUBJECT TO CHANGE WITHOUT NOTICE
GZT80 (for RM84 / RM85)
Screw terminals
Max. tightening moment
for the terminal: 0.7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
75.3 x 15.5 x 61(67) mm*
Two poles, 5 mm pinout
12 A, 300 V AC
GZM80 (for RM84 / RM85)
Screw terminals
Max. tightening moment
for the terminal: 0.7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
78.1 x 15.9 x 61(66.5) mm*
Two poles, 5 mm pinout
12 A, 300 V AC
CONNECTION
DIAGRAM
DIMENSIONS
CONNECTION
DIAGRAM
DIMENSIONS
GZT80
GZM80
All accessories are sold separately.
* In parenthesis is the height of the socket with plastic retainer clip. ** For lower profile application.


Similar Part No. - RM85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM850X ETC1-RM850X Datasheet
5Mb / 82P
   HIGH PERFORMANCE ATX POWER SUPPLY
More results

Similar Description - RM85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
   miniature relays
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
   Miniature Relays
logo
List of Unclassifed Man...
JQX-15F ETC1-JQX-15F Datasheet
217Kb / 2P
   MINIATURE HEAVY DUTY DC ELECTROMAGNETIC RELAY
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
Coto Technology
9011 COTO-9011 Datasheet
94Kb / 2P
   Miniature SIP Relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com