Electronic Components Datasheet Search |
|
RGP15G Datasheet(PDF) 2 Page - Vishay Siliconix |
|
RGP15G Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 4 page RGP15A, RGP15B, RGP15D, RGP15G, RGP15J, RGP15K, RGP15M www.vishay.com Vishay General Semiconductor Revision: 11-Dec-13 2 Document Number: 88701 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, PCB mounted Note (1) AEC-Q101 qualified RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) Fig. 1 - Forward Current Derating Curve Fig. 2 - Maximum Non-repetitive Peak Forward Surge Current ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL RGP15A RGP15B RGP15D RGP15G RGP15J RGP15K RGP15M UNIT Maximum instantaneous forward voltage 1.5 A VF 1.3 V Maximum DC reverse current at rated DC blocking voltage TA = 25 °C IR 5.0 μA TA = 150 °C IR 200 Maximum reverse recovery time IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A trr 150 250 500 ns Typical junction capacitance 4.0 V, 1 MHz CJ 25 pF THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL RGP15A RGP15B RGP15D RGP15G RGP15J RGP15K RGP15M UNIT Typical thermal resistance RJA (1) 45 °C/W ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE RGP15J-E3/54 0.425 54 4000 13" diameter paper tape and reel RGP15J-E3/73 0.425 73 2000 Ammo pack packaging RGP15JHE3/54 (1) 0.425 54 4000 13" diameter paper tape and reel RGP15JHE3/73 (1) 0.425 73 2000 Ammo pack packaging Ambient Temperature (°C) 25 50 75 100 125 150 175 0 0.25 0.50 0.75 1.00 1.25 1.50 Resistive or Inductive Load 0.375" (9.5 mm) Lead Length 1 10 100 0 10 20 30 40 50 Number of Cycles at 60 Hz T J = TJ Max. 8.3 ms Single Half Sine-Wave |
Similar Part No. - RGP15G |
|
Similar Description - RGP15G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |