Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3817PFV Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB3817PFV
Description  Switching Regulator Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3817PFV Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB3817PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB3817PFV Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
MB3817
(Continued)
(VCC = 6 V, Ta = +25
°C)
* : Standard design value.
Parameter
Symbol
Pin
no.
Condition
Value
Unit
Min.
Typ.
Max.
Error amp.
section (Error
Amp.)
Input offset voltage
VIO
3, 4 VFB = 1.2 V
10
mV
Input offset current
IIO
3, 4 VFB = 1.2 V
100
nA
Input bias current
II
3, 4 VFB = 1.2 V
–200
–100
nA
Common mode input
voltage range
VCM
3, 4
0
VCC – 0.9
V
Common mode
rejection ratio
CMRR
5
DC
60
100
dB
Voltage gain
AV
5
DC
60
100
dB
Frequency
bandwidth
BW
5
AV = 0 dB
800*
kHz
Maximum output
voltage width
VOM+
5—
1.8
2.0
V
VOM–
5
50
500
mV
Output sink current
IO+
5VFB = 1.2 V
60
120
µA
Output source
current
IO–
5VFB = 1.2 V
–2.0
–0.6
mA
Dead time
control section
(DTC)
Threshold voltage
VT0
10
Duty cycle = 0 %
0.9
1.0
V
VT100
10
Duty cycle = 100 %
1.4
1.5
V
ON duty cycle
Dtr
10
VDTC = VREF
× 0.88
CT = 330 pF,
RT = 6.2 k
70
80
90
%
Input current
IDTC
6VDTC = 0 V
–500
–250
nA
PWM
comparator
section (PWM
Comp.)
Threshold voltage
VT0
10
Duty cycle = 0 %
0.9
1.0
V
VT100
10
Duty cycle = 100 %
1.4
1.5
V
Input sink current
II+
5
60
120
µA
Input source current
II–
5
–2.0
–0.6
mA
Output section
(OUT)
Output sink current
IO+
10
RE = 15 k
18
30
42
mA
Output source
current
IO–
10
Duty
5 %
–100
–50
mA
Standby leakage
current
ILO
10
VCC = 18 V,
VO = 18 V
——
10
µA
Control section
(CTL)
Input on condition
VON
11
2.1
18
V
Input off condition
VOFF
11
0
0.7
V
Input current
II
15
VCTL = 5 V
100
200
µA
Standby current
ICCS
9VCTL = 0 V
10
µA
Power supply current
ICC
9
Output “H”
2.7
4.0
mA


Similar Part No. - MB3817PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3817PFV FUJITSU-MB3817PFV Datasheet
235Kb / 28P
   Switching Regulator Controller
More results

Similar Description - MB3817PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com