Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F2DA-34M368-G999 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-F2DA-34M368-G999
Description  TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F2DA-34M368-G999 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-F2DA-34M368-G999 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F2DA-34M368-G999 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F2DA-34M368-G999 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F2DA-34M368-G999 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F2DA-34M368-G999 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F2DA-34M368-G999 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F2DA-34M368-G999 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F2DA-34M368-G999 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
F1/F2/F3 SERIES
s ELECTRICAL CHARACTERISTICS
F1 Series
F2 Series
F3 Series
Item
Symbol
Condition
Rating
Unit
Remarks
Min.
Typical
Max.
Frequency deviation
∆fO
––
–500
––
+500
ppm
fO standard
Load Q
Q
––
1000
––
40
––
Insertion loss
IL
––
––
––
6
dB
Stop band attenuation
AOUT
fO ± 10MHz
20
––
––
dB
Frequency stability with
temperature
∆f (Ta)
––
–400
––
+400
ppm
25°C standard,
Ta = 0 to 70°C
Item
Symbol
Condition
Rating
Unit
Remarks
Min.
Typical
Max.
Frequency deviation
∆fO
––
–500
––
+500
ppm
fO standard
Load Q
Q
––
1000
––
40
––
Insertion loss
IL
––
––
––
6
dB
Stop band attenuation
AOUT
fO ± 10MHz
20
––
––
dB
Frequency stability with
temperature
∆f (Ta)
––
–400
––
+400
ppm
25°C standard,
Ta = 0 to 70°C
Item
Symbol
Condition
Rating
Unit
Remarks
Min.
Typical
Max.
Frequency deviation
∆fO
––
–500
––
+500
ppm
fO standard
Load Q
Q
––
200
––
50
––
Insertion loss
IL
––
––
––
6
dB
Stop band attenuation
AOUT
fO ± 10MHz
20
––
––
dB
Frequency stability with
temperature
∆f (Ta)
––
–1350
––
750
ppm
25°C standard,
Ta = 0 to 70°C


Similar Part No. - FAR-F2DA-34M368-G999

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F4DA FUJITSU-FAR-F4DA Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4DA-115M52-G201 FUJITSU-FAR-F4DA-115M52-G201 Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4DA-51M840-G201 FUJITSU-FAR-F4DA-51M840-G201 Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4DA-97M728-G201 FUJITSU-FAR-F4DA-97M728-G201 Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4SE-36M000-A005 FUJITSU-FAR-F4SE-36M000-A005 Datasheet
94Kb / 4P
   IF Filter for Terrestrial-TV
More results

Similar Description - FAR-F2DA-34M368-G999

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F4DA FUJITSU-FAR-F4DA Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
logo
SIPAT Co,Ltd
LBN10011 SIPAT-LBN10011 Datasheet
138Kb / 3P
   100MHz SAW Filter 14MHz Bandwidth
LBT10014 SIPAT-LBT10014 Datasheet
141Kb / 3P
   100MHz SAW Filter 5MHz Bandwidth
LBN10009 SIPAT-LBN10009 Datasheet
144Kb / 3P
   100MHz SAW Filter 10MHz Bandwidth
LBN10010 SIPAT-LBN10010 Datasheet
145Kb / 3P
   100MHz SAW Filter 15MHz Bandwidth
LBT10015 SIPAT-LBT10015 Datasheet
146Kb / 3P
   100MHz SAW Filter 5.1MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
148Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
LBN10012 SIPAT-LBN10012 Datasheet
144Kb / 3P
   100MHz SAW Filter 30MHz Bandwidth
LBT10014 SIPAT-LBT10014 Datasheet
141Kb / 3P
   100MHz SAW Filter 5MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
143Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com