Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTHA-HCBL Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTHA-HCBL
Description  Male Quick-test x Female Quick-test 90 Degree Elbow, brass
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTHA-HCBL Datasheet(HTML) 1 Page - Ralston Instruments.

  QTHA-HCBL Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QTHA-HCBL
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-HCBL
Male Quick-test x Female Quick-test 90 Degree Elbow, brass
Connect a hose to an adapter that is in a hard
to reach place
Features
• Ideal for accessing pressure transmitter ports and other
equipment that is hard to reach
• Position pressure gauges for easy reading
• Durable forged construction
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
Male Quick-test
End C2
Female Quick-test
Has Check Valve
No
Temperature range
0 to 225 °F (-18 to 107 °C)
Construction
Brass
Seal materials
Buna-N
Dimensions A
1.5 in (3.81 cm)
Dimensions B
1.3 in (3.30 cm)


Similar Part No. - QTHA-HCBL

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-HCBL RALSTON-QTHA-HCBL Datasheet
636Kb / 1P
   Male Quick-test x Female Quick-test 90 Degree Elbow, brass
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
608Kb / 1P
   Male Quick-test x Female Quick-test 45 Degree Elbow, brass
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45_19 Datasheet
608Kb / 1P
   Male Quick-test x Female Quick-test 45 Degree Elbow, brass
QTHA-HCBL RALSTON-QTHA-HCBL_19 Datasheet
636Kb / 1P
   Male Quick-test x Female Quick-test 90 Degree Elbow, brass
More results

Similar Description - QTHA-HCBL

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-HCBL RALSTON-QTHA-HCBL_19 Datasheet
636Kb / 1P
   Male Quick-test x Female Quick-test 90 Degree Elbow, brass
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45_19 Datasheet
608Kb / 1P
   Male Quick-test x Female Quick-test 45 Degree Elbow, brass
QTHA-CCBU RALSTON-QTHA-CCBU_19 Datasheet
700Kb / 1P
   Female Quick-test x female Quick-test hose union, brass
QTHA-HSHS RALSTON-QTHA-HSHS_19 Datasheet
285Kb / 1P
   Male Quick-test x male Quick-test hose union, brass
QTHA-TVLB-HC RALSTON-QTHA-TVLB-HC Datasheet
688Kb / 1P
   Male Quick-test x female Quick-test in-line vent valve, brass
QTHA-TVLB RALSTON-QTHA-TVLB Datasheet
627Kb / 1P
   Male Quick-test x male Quick-test in-line vent valve, brass
QTHA-HFCB-2F RALSTON-QTHA-HFCB-2F_19 Datasheet
652Kb / 1P
   Male Quick-test run x female Quick-test run x 1/4" female NPT branch tee, brass
XTHA-HSTS RALSTON-XTHA-HSTS_19 Datasheet
213Kb / 1P
   Male Quick-test XT x male Quick-test XT x male Quick-test XT hose tee, S.S
QTHA-HHSB RALSTON-QTHA-HHSB_19 Datasheet
267Kb / 1P
   Male Quick-test x male Quick-test bulkhead union, S.S.
XTFT-HHSB RALSTON-XTFT-HHSB_19 Datasheet
490Kb / 1P
   Male Quick-test XT x male Quick-test XT bulkhead
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com