Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPEG1KZXE00050G Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part # TRPEG1KZXE00050G
Description  CWDM Transceivers with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1KZXE00050G Datasheet(HTML) 6 Page - OPLINK Communications Inc.

  TRPEG1KZXE00050G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 5Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2013, Oplink Communications, Inc.
6
TRPEG1-G MR CWDM
S0143, Rev.03. (web) 2013-05-17
Oplink Part Number
Operating
Temperature
Nominal
Wavelength
(nm)
Latch
Color
22dB Link Budge
(62km Distance)1
24dB Link Budget
(70km Distance)1
TRPEG1HYXE000L0G
TRPEG1KZXE000L0G
- 5°C to +85°C
Extended
1271
Light Violet
TRPEG1HYXE000K0G
TRPEG1KZXE000K0G
- 5°C to +85°C
Extended
1291
Sky Blue
TRPEG1HYXE000J0G
TRPEG1KZXE000J0G
- 5°C to +85°C
Extended
1311
Dark Green
TRPEG1HYXE000H0G
TRPEG1KZXE000H0G
- 5°C to +85°C
Extended
1331
Magenta
TRPEG1HYXE000G0G
TRPEG1KZXE000G0G
- 5°C to +85°C
Extended
1351
Pink
TRPEG1HYXE000F0G
TRPEG1KZXE000F0G
- 5°C to +85°C
Extended
1371
Beige
TRPEG1HYXE000D0G
TRPEG1KZXE000D0G
- 5°C to +85°C
Extended
1391
White
TRPEG1HYXE000C0G
TRPEG1KZXE000C0G
- 5°C to +85°C
Extended
1411
Silver
TRPEG1HYXE000B0G
TRPEG1KZXE000B0G
- 5°C to +85°C
Extended
1431
Black
TRPEG1HYXE000A0G
TRPEG1KZXE000A0G
- 5°C to +85°C
Extended
1451
Lime
TRPEG1HYXE00010G
TRPEG1KZXE00010G
- 5°C to +85°C
Extended
1471
Gray
TRPEG1HYXE00020G
TRPEG1KZXE00020G
- 5°C to +85°C
Extended
1491
Violet
TRPEG1HYXE00030G
TRPEG1KZXE00030G
- 5°C to +85°C
Extended
1511
Blue
TRPEG1HYXE00040G
TRPEG1KZXE00040G
- 5°C to +85°C
Extended
1531
Green
TRPEG1HYXE00050G
TRPEG1KZXE00050G
- 5°C to +85°C
Extended
1551
Yellow
TRPEG1HYXE00060G
TRPEG1KZXE00060G
- 5°C to +85°C
Extended
1571
Orange
TRPEG1HYXE00070G
TRPEG1KZXE00070G
- 5°C to +85°C
Extended
1591
Red
TRPEG1HYXE00080G
TRPEG1KZXE00080G
- 5°C to +85°C
Extended
1611
Brown
1
The indicated transmission distance is for guidelines only, not guaranteed. It assumes a total connector/splice/CWDM mux and demux loss of 4.5dB,
allocated system penalty of 2dB and fiber loss of 0.25dB/km. Longer distances can be supported if the optical link power budget is satisfied.


Similar Part No. - TRPEG1KZXE00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-G OPLINK-TRPEG1KVX-G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
TRPEG1KVXC00010G OPLINK-TRPEG1KVXC00010G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
TRPEG1KVXC00020G OPLINK-TRPEG1KVXC00020G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
More results

Similar Description - TRPEG1KZXE00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com