Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVOADC2100011H2 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # UVOADC2100011H2
Description  MEMS Variable Optical Attenuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

UVOADC2100011H2 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  UVOADC2100011H2 Datasheet HTML 1Page - OPLINK Communications Inc. UVOADC2100011H2 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UVOA
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
0
0
1
0
1
Package Type
Voltage Type
Channel
Fiber Type
Fiber Length
P1 = 1
16 V = 1
7 V = 2
20V = 3
Single = 1
SMF-28 250µm = 1
SMF-28 w/ 900µm loose tube = 2
0.5meter = H
1.0meter = 1
1.5meter = 5
2.0meter = 2
Connector
Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
MEMS Variable Optical Attenuator
UVOA Series
S0175 - R02. 20110331
Wavelength Range
Attenuation Type
C band = C
L band = L
Dark = D
Bright = B


Similar Part No. - UVOADC2100011H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UVOA-S0175 OPLINK-UVOA-S0175 Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
More results

Similar Description - UVOADC2100011H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UVOA-S0175 OPLINK-UVOA-S0175 Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
logo
JDS Uniphase Corporatio...
ESVOA-OC620 JDSU-ESVOA-OC620 Datasheet
165Kb / 3P
   Electrostatic MEMS Variable Optical Attenuator
MAT-0TDC210 JDSU-MAT-0TDC210 Datasheet
273Kb / 6P
   MEMS Variable Optical Attenuators
logo
OPLINK Communications I...
MVOA1310R0021H1 OPLINK-MVOA1310R0021H1 Datasheet
210Kb / 2P
   Mechanical Variable Optical Attenuator Reflection Type
MVOA1310T0031H1 OPLINK-MVOA1310T0031H1 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOAT-S0025 OPLINK-MVOAT-S0025 Datasheet
202Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
logo
RFHIC
VA101 RFHIC-VA101 Datasheet
164Kb / 2P
   Variable Attenuator
VA101 RFHIC-VA101_14 Datasheet
133Kb / 4P
   Variable Attenuator
VA103 RFHIC-VA103 Datasheet
185Kb / 3P
   Variable attenuator
VA102 RFHIC-VA102 Datasheet
189Kb / 3P
   Variable attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com