Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTMA040220E1211 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # UTMA040220E1211
Description  Unidirectional Integrated TAP Monitor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

UTMA040220E1211 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  UTMA040220E1211 Datasheet HTML 1Page - OPLINK Communications Inc. UTMA040220E1211 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
UTMA
Ordering Information
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
1) 4-ch UTMA
2) 8-ch UTMA
3) 10-ch UTMA
Electrical Pin Assignment
Pin#: Common Cathode Assignment
Pin1: Common Cathode for Ch1 & 2
Pin2: Anode Ch1
Pin3: Anode Ch2
Pin4: Common Cathode for Ch3 & 4
Pin5: Anode Ch3
Pin6: Anode Ch4
Common Anode Assignment
Common Anode for Ch1 & 2
Cathode Ch1
Cathode Ch2
Common Anode for Ch3 & 4
Cathode Ch3
Cathode Ch4
Electrical Pin Assignment
Pin#: Common Cathode Assignment
Pin1:
Common Cathode for Ch1 to 4
Pin2:
Anode Ch1
Pin3:
Anode Ch2
Pin4:
Anode Ch3
Pin5:
Anode Ch4
Pin6:
Anode Ch5
Pin7:
Common Cathode for Ch5 to 8
Pin8:
Anode Ch6
Pin9:
Anode Ch7
Pin10: Anode Ch8
Pin11: Anode Ch9
Pin12: Common Cathode for Ch9 & 10
Pin13: Anode Ch10
Pin 14: Not connected
Common Anode Assignment
Common Anode for Ch1 to 4
Cathode Ch1
Cathode Ch2
Cathode Ch3
Cathode Ch4
Cathode Ch5
Common Anode for Ch5 to 8
Cathode Ch6
Cathode Ch7
Cathode Ch8
Cathode Ch9
Common Anode for Ch9 & 10
Cathode Ch10
Not connected
Electrical Pin Assignment
Pin#: Common Cathode Assignment
Pin1: Common Cathode for Ch1 & 2
Pin2: Anode Ch1
Pin3: Anode Ch2
Pin4: Common Cathode for Ch3 & 4
Pin5: Anode Ch3
Pin6: Anode Ch4
Pin7: Anode Ch5
Pin8: Common Cathode for Ch5 & 6
Pin9: Anode Ch6
Pin10: Anode Ch7
Pin11: Common Cathode for Ch7 & 8
Pin12: Anode Ch8
Common Anode Assignment
Common Anode for Ch1 & 2
Cathode Ch1
Cathode Ch2
Common Anode for Ch3 & 4
Cathode Ch3
Cathode Ch4
Cathode Ch5
Common Anode for Ch5 & 6
Cathode Ch6
Cathode Ch7
Common Anode for Ch7 & 8
Cathode Ch8
0
2
No. of Channal
4 channels = 04
8 channels = 08
10 channels = 10
Tap Ratio
Bandwidth
Package Type
Wavelength
Fiber Type
Fiber Length
2.0G = 20
Common Anode = 1
Common Cathode = 2
1310nm = 3
C+L band = E
1310/1550 = D
250µm bare fiber = 1
900µm loose tube = 2
Ribbon fiber = 3
0.5meter = H
1.0meter = 1
1.5meter = 5
2.0meter = 2
Connector
Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
Unidirectional Integrated TAP Monitor Array
UTMA Series
S0073 - R04. 20111021
2/98 = 02
5/95 = 05
10/90 = 10
RoHS:
1. UTMA is RoHS 5 compliant (RoHS permitted Lead in solder exemption is applied).
2. Add “G” to the end of the above PN for RoHS 6 Requirement.


Similar Part No. - UTMA040220E1211

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UTMA040220E1 OPLINK-UTMA040220E1 Datasheet
323Kb / 2P
   Unidirectional Integrated TAP Monitor Array
More results

Similar Description - UTMA040220E1211

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UTMA-S0073 OPLINK-UTMA-S0073 Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA080520E2111G OPLINK-UTMA080520E2111G Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA04022031 OPLINK-UTMA04022031 Datasheet
323Kb / 2P
   Unidirectional Integrated TAP Monitor Array
ITMA OPLINK-ITMA Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA-S0017 OPLINK-ITMA-S0017 Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA080520E2111G OPLINK-ITMA080520E2111G Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
UTMSE05ECO11111G OPLINK-UTMSE05ECO11111G Datasheet
166Kb / 1P
   Eco Series Unidirectional Single Channel Tap Monitor
UTMS OPLINK-UTMS Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMSD0220 OPLINK-UTMSD0220 Datasheet
231Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMS-S0074 OPLINK-UTMS-S0074 Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com