Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWDM592SB001912 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # UWDM592SB001912
Description  Ultra Hi-Rel Undersea Component Family Fused Single-Mode WDM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

UWDM592SB001912 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  UWDM592SB001912 Datasheet HTML 1Page - OPLINK Communications Inc. UWDM592SB001912 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
UWDM59 Series
Premium
Grade A
Grade B
Unit
Operating Wavelength
970 - 990 / 1535 - 1565
nm
Insertion Loss
(970 - 990nm / 1535 - 1565nm)
< 0.1
< 0.2
< 0.3
dB
Isolation
> 20
dB
Polarization Dependent Loss
< 0.05
< 0.1
< 0.1
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Operating Temperature
- 10 to + 70
°C
Storage Temperature
- 40 to + 85
°C
Fiber Type
HI1060 FLEX & HI980
Package Dimensions **
P1: 250 µm bare fiber
P2: 900 µm loose tube
(ø) 3.0 x (L) 54.0
(ø) 3.0 x (L) 60.0
mm
Applications
Performance Specificationns
Note:
* Values are referenced without connector loss.
** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom speci-
fied.
Port 1 In
L
Ø
Port 2 Signal
Port 3 Pump
Port 4 (terminated for
1x2 configuration)
S0172 - R03. 20100630
Ultra Hi-Rel Undersea Component Family
Fused Single-Mode WDM (980/1550 nm)
UWDM59 Series
Oplink’s 980/1550 nm fused single-mode wavelength division multiplexers are
manufactured using the proven fused biconical taper technology and Oplink’s
stringent quality procedures. With low insertion loss and flat passband, this
deviceis ideal for combining pump (980 nm) and signal light at 1550 nm in op-
tical fiber amplifiers. Please contact our Oplink OEM design team for further
information.
Oplink’s Ultra Hi-Rel family of optical components are available for your un-
dersea applications. Please contact us with your requirements.
Very High Reliability
Ultra Low Insertion Loss
Ultra High Isolation
Low Polarization Sensitivity
High Directivity
High Stable & Reliable
Bidirectional
Undearsea


Similar Part No. - UWDM592SB001912

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UWDM592SB OPLINK-UWDM592SB Datasheet
283Kb / 2P
   Ultra Hi-Rel Undersea Component Family Fused Single-Mode WDM
More results

Similar Description - UWDM592SB001912

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UWDM59-S0172 OPLINK-UWDM59-S0172 Datasheet
174Kb / 2P
   Ultra Hi-Rel Undersea Component Family Fused Single-Mode WDM
UWDM591SA OPLINK-UWDM591SA Datasheet
283Kb / 2P
   Ultra Hi-Rel Undersea Component Family Fused Single-Mode WDM
UWFC-S0173 OPLINK-UWFC-S0173 Datasheet
175Kb / 2P
   Ultra Hi-Rel Undersea Component Family Single Window Single Mode Wideband Fiber
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
   Fused Single-Mode WDM
SWDM541SP OPLINK-SWDM541SP Datasheet
277Kb / 2P
   Fused Single-Mode WDM
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
   Fused Single-Mode WDM
SWDM53 OPLINK-SWDM53 Datasheet
172Kb / 2P
   Fused Single-Mode WDM
SWDM59 OPLINK-SWDM59 Datasheet
172Kb / 2P
   Fused Single-Mode WDM
SWDM53-S0166 OPLINK-SWDM53-S0166 Datasheet
172Kb / 2P
   Fused Single-Mode WDM
SWDM54-S0167 OPLINK-SWDM54-S0167 Datasheet
284Kb / 2P
   Fused Single-Mode WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com