Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTMA04052031211 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # UTMA04052031211
Description  Unidirectional Integrated TAP Monitor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

UTMA04052031211 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  UTMA04052031211 Datasheet HTML 1Page - OPLINK Communications Inc. UTMA04052031211 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Performance Specificationns
Parameters
Specification
Unit
Operating Wavelength Range
1260 ~ 1360
1510~1610
nm
Through
Insertion Loss (@λop, Top, All SOP,
exclude connectors)
2%
≤ 0.5
dB
5%
≤ 0.7
10%
≤ 1.0
Polarization Dependent Responsivity
≤ 0.1
dB
Return Loss (exclude connector)
≥ 45
dB
Tapped
Monitoring
Responsivity (relative to nominal
power at input port)
2%
10 ~ 23
14 ~ 25
mA/W
5%
26 ~ 59
36 ~ 65
10%
52 ~ 110
70 ~ 120
Responsivity Polarization Dependence
≤ 0.15
dB
Directivity 1
≥ 33
dB
PD
PD Dark Current (@ -5V bias, 70°C)
≤ 5
nA
Bandwidth (50ohm, 5V, -3dB)
≥ 1
nA
Reverse Voltage
≤ 20
V
Forward Current
≤ 5
mA
Conditions
Input Optical Power
2%
≤ 21
dBm
5%
≤ 16
10%
≤12
Operating Temperature Range
(<85%RH, Non-condensing)
-0
+70
°C
Storage Temperature Range
(<85%RH, Non-condensing)
-40
+85
°C
Fiber Type
Corning SMF-28
Notes:
1. Directivity is defined as -10 log(ℜ
Out→PD / ℜIn→PD)
where ℜ stands for responsivity.
* All spec excluding connectors.
* The maximum IL is under all states of polarization
and within the full operating temperature and wave-
length ranges specified.
Input
Output
PD
Functional Diagram
S0073 - R04. 20111021
Unidirectional Integrated TAP
Monitor Array
UTMA Series
Oplink’s Unidirectional Integrated Tap Monitor Array (UTMA) is assembled using individual Unidirec-
tional IntegratedTap Monitor (UTMS) to guarantee no optical or electrical cross-talk among different
channels.UTMS is a hybrid component that integrates a flat spectral response of a thin-film tap with a
high sensitivity PIN photodiode for power monitoring applications.The Unidirectional feature allows
power monitoring from input port only. UTMA minimizes component assembly costs and module
footprint while increasing module design efficiency by facilitating fiber management.
Each UTMS in the UTMA integrates the functionality of an optical coupler and a photodiode while de-
livering low insertion loss and low dark current with high temperature stability over a wide wavelength
range. It is compact and easy to mount on a PCB board for module and network system use.Applica-
tions include DWDM channel power monitoring, optical network switching/protection monitoring,
re-configurable optical add/drop multiplexers, and gain/attenuation monitoring in amplifier systems.
Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers
modular assemblies that integrate other components to form a full function module or subsystem.
Flat and broad operating wavelength
range
Low insertion loss and PDL
Low dark current
Various tap ratio available
High temperature stability with
hermetically sealed photodiode
Monitor optical signal from one
direction only
EDFA and Raman amplifiers
Add/Drop and optical protection
monitoring
DWDM/CWDM systems


Similar Part No. - UTMA04052031211

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UTMA04052031 OPLINK-UTMA04052031 Datasheet
323Kb / 2P
   Unidirectional Integrated TAP Monitor Array
More results

Similar Description - UTMA04052031211

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UTMA-S0073 OPLINK-UTMA-S0073 Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA080520E2111G OPLINK-UTMA080520E2111G Datasheet
220Kb / 2P
   Unidirectional Integrated TAP Monitor Array
UTMA04022031 OPLINK-UTMA04022031 Datasheet
323Kb / 2P
   Unidirectional Integrated TAP Monitor Array
ITMA OPLINK-ITMA Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA-S0017 OPLINK-ITMA-S0017 Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
ITMA080520E2111G OPLINK-ITMA080520E2111G Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
UTMSE05ECO11111G OPLINK-UTMSE05ECO11111G Datasheet
166Kb / 1P
   Eco Series Unidirectional Single Channel Tap Monitor
UTMS OPLINK-UTMS Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMSD0220 OPLINK-UTMSD0220 Datasheet
231Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMS-S0074 OPLINK-UTMS-S0074 Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com