Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR2-458-10 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # LMR2-458-10
Description  UHF Narrow Band FM Low Cost multi channel
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMR2-458-10 Datasheet(HTML) 1 Page - Radiometrix Ltd

  LMR2-458-10 Datasheet HTML 1Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 2Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 3Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 4Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 5Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 6Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 7Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 8Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 1
Features
Conforms to EN 300 220-3 and EN 301 489-3
High performance double superhet. PLL synthesizer with TCXO
quasi-dc (peak sampling) data recovery circuit (for enhanced performance on unbalanced
datastreams)
SAW front-end filter
Data rates up to 5 kbps for standard module
Usable range over 1km
Fully screened. Low profile
Feature-rich interface (RSSI, analogue and digital baseband)
Re-programmable via RS232 interface
Low power requirements
Applications
Handheld terminals
EPOS equipment, barcode scanners
Data loggers
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
DGPS systems
Vehicle data up/download
Heavy vehicle/machinery controls
Technical Summary
Operating frequency: 433.875-434.650MHz (EU band)
458.525 - 459.1MHz (UK band)
Other custom UHF bands
32 channels
Transmit power: +10dBm (10mW) / +20dBm (100mW)
Supply range: 3.1 – 15V (TX @ 10mW and RX), 4.1 – 15V (TX @ 100mW)
Current consumption: 34mA @ 10mW, 90mA @ 100mW (transmit) and 20mA (receive)
Data bit rate: 5kbps max. (standard module)
Receiver sensitivity: -118dBm (for 12 dB SINAD)
Serial configuration by inverted RS232 at 3V CMOS level
Evaluation platforms: NBEK + LM Series carrier
The
LMT2
transmitter
and
LMR2
receiver
modules offer a multi channel, low power, and
reliable data link. This makes the LMT2/LMR2
pair
ideally
suited
to
those
low
power
applications where existing wideband modules
have insufficient range, or where low cost multi-
channel
operation
is
needed
without
compromising on RF specification or regulatory
requirement.
Figure 1: LMT2 transmitter and LMR2 receiver
UHF Narrow Band FM Low Cost multi channel
Hartcran House, 231 Kenton Lane, Harrow, Middlesex, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233, www.radiometrix.com
Issue 1, 21 January 2013
LMT2 / LMR2


Similar Part No. - LMR2-458-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMR2-458-10 ETC2-LMR2-458-10 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
LMR2-458-10 RADIOMETRIX-LMR2-458-10 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
More results

Similar Description - LMR2-458-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
List of Unclassifed Man...
TR2M ETC2-TR2M Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Radiometrix Ltd
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
   Narrow Band FM Multi-channel UHF Transceiver
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com