Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTX2-458700-10 Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # MTX2-458700-10
Description  UHF Narrow Band FM sub-miniature transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

MTX2-458700-10 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button MTX2-458700-10 Datasheet HTML 2Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 3Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 4Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 5Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 6Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 7Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 8Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 9Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 10Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Radiometrix Ltd
MTX2 Data Sheet
page 8
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A) Whip
This is a wire, rod ,PCB track or combination connected directly to RF pin of the module.
Optimum total length is 16.4cm (1/4 wave @ 433MHz). Keep the open circuit (hot) end well
away from metal components to prevent serious de-tuning. Whips are ground plane
sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is small and
plastic cased
B) Helical
Wire coil, connected directly to RF pin, open circuit at other end. This antenna is very
efficient given it’s small size (20mm x 4mm dia.). The helical is a high Q antenna, trim the
wire length or expand the coil for optimum results. The helical de-tunes badly with proximity
to other conductive objects.
C) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and fed
from RF pin at a point 20% from the ground end. Loops have high immunity to proximity de-
tuning.
Feature
A
B
C
whip
helical
loop
Ultimate performance
***
**
*
Easy of design set-up
***
**
*
Size
*
***
**
Immunity proximity effects
*
**
***
Range open ground to similar antenna
500m
200
100
The antenna choice and position directly controls the system range. Keep it clear of other metal in the
system, particularly the 'hot' end. The best position by far, is sticking out the top of the product. This is often
not desirable for practical/ergonomic reasons thus a compromise may need to be reached. If an internal
antenna must be used, try to keep it away from other metal components, particularly large ones like
transformers, batteries and PCB tracks/earth plane. The space around the antenna is as important as the
antenna itself.
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
Figure 7: Antenna types


Similar Part No. - MTX2-458700-10

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
logo
Mini-Circuits
MTX2-143 MINI-MTX2-143 Datasheet
384Kb / 4P
   RF Transformer
MTX2-143++ MINI-MTX2-143+ Datasheet
384Kb / 4P
   RF Transformer
MTX2-143-D MINI-MTX2-143-D Datasheet
211Kb / 4P
   RF Transformer Die
MTX2-143-D++ MINI-MTX2-143-D+ Datasheet
211Kb / 4P
   RF Transformer Die
More results

Similar Description - MTX2-458700-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
MTX3 RADIOMETRIX-MTX3 Datasheet
377Kb / 10P
   868MHz band Narrow Band FM sub-miniature TX
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com