Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR1-173-5 Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # LMR1-173-5
Description  VHF Narrow Band FM Low Cost multi channel radio modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMR1-173-5 Datasheet(HTML) 6 Page - Radiometrix Ltd

Back Button LMR1-173-5 Datasheet HTML 2Page - Radiometrix Ltd LMR1-173-5 Datasheet HTML 3Page - Radiometrix Ltd LMR1-173-5 Datasheet HTML 4Page - Radiometrix Ltd LMR1-173-5 Datasheet HTML 5Page - Radiometrix Ltd LMR1-173-5 Datasheet HTML 6Page - Radiometrix Ltd LMR1-173-5 Datasheet HTML 7Page - Radiometrix Ltd LMR1-173-5 Datasheet HTML 8Page - Radiometrix Ltd LMR1-173-5 Datasheet HTML 9Page - Radiometrix Ltd LMR1-173-5 Datasheet HTML 10Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Radiometrix Ltd
LMT1/LMR1 Data Sheet
page 6
Serial interface commands
2400 baud UART. 8 bit data, no parity, 1 start bit, 1 or 2 stop bits.
Serial data is sent to the unit on one of the parallel channel select pins (P0). It is very important that the unit
does not 'decode' switch bounce in ordinary operation as a command string, or spurious re-writing of the
e2prom will result. For this reason the user must send the 16 character string ENABLESERIALMODE
(followed by a carriage return) to activate the serial command mode before sending any of the command
strings listed below. Command mode is disabled on power down, or on reception of a # character. To
successfully program the unit, it must be enabled ('RXE high (rx) or TXE low (tx)).
GOCHAN aa
Serially select channel aa, where aa is ch0 to ch31
LOAD aa
nnnnn
Set value of N register for channel aa, where aa is Channels 0 to 31
SETPAR
Channel selected by 4 bit parallel inputs (ch0 to ch15 only)
SETSER
Channel selected by most recent GOCHAN operation
RVALUE rrrr
Set value for R register
SINGLE nnnnn
Set value of N for single channel operation.
N value NOT stored in EEPROM
<cr>
Process entry
/
Clear all buffers
#
Disable command mode
aa = a two digit channel number from 00 to 31
nnnnn = synthesizer N register value (up to 65535)
rrrr = synthesizer R register value (up to 16383)
For LMT1 Transmitter:
kHz
MHz
f
f
R
cing
channelspa
Xtal
25
10
=
=
, So R=400
6930
25
250
.
173
=
=
=
kHz
MHz
f
f
N
cing
Channelspa
RF
TX
For LMR1 Receiver:
kHz
MHz
f
f
R
cing
channelspa
Xtal
25
13
=
=
, So R=520
Notes: 1. A pause of at least 50ms must be allowed between command strings (EEPROM programming
time).
2. SINGLE mode does not store the N value in EEPROM. Therefore the unit is inoperative after a
power down until either another valid SINGLE command is received, or mode is changed by a
GOCHAN, SETPAR or SETSER command. SINGLE mode is intended for frequency agile
applications.
3. For UK version (173.200 - 173.325MHz band) the following channel assignment is supplied:
CH0: 173.250MHz
CH1: 173.275MHz
CH2: 173.300MHz
CH3: 173.325MHz
CH4 - CH7: 173.225MHz (only used for alarm applications)
CH8 - CH31: 173.325MHz
6074
25
4
.
21
250
.
173
4
.
21
=
=
=
kHz
MHz
f
MHz
f
N
cing
Channelspa
RF
RX


Similar Part No. - LMR1-173-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMR1-173-5 RADIOMETRIX-LMR1-173-5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMR1-173-5-12K5 RADIOMETRIX-LMR1-173-5-12K5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
More results

Similar Description - LMR1-173-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com