Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTHA-2FSF-QD Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTHA-2FSF-QD
Description  Connect a male 37횂째 flare AN/JIC fitting to a Quick-test hose without a wrench
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTHA-2FSF-QD Datasheet(HTML) 1 Page - Ralston Instruments.

  QTHA-2FSF-QD Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QTHA-2FSF-QD
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-2FSF-QD
1/4" female 37 degree flare (AN/JIC) x male Quick-test, no
check-valve, S.S.
Connect a male 37° flare AN/JIC fitting to a
Quick-test hose without a wrench
Features
• A unique design allows connection to standard male 37° flare
fitting using a pressure-assisted o-ring seal
• Pressure helps to seal the fitting better
• Stainless steel construction
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
1/4" Female 37 degree (AN/JIC) Flare with Quick-Disconnect
End C2
Male Quick-test
Has Check Valve
No
Temperature range
0 to 225 °F (-18 to 107 °C)
Construction
Stainless Steel
Seal materials
Buna-N, Teflon
Dimensions A
1.7 in (4.32 cm)
Dimensions B
1 in (2.54 cm)


Similar Part No. - QTHA-2FSF-QD

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-2FSF-SK RALSTON-QTHA-2FSF-SK Datasheet
277Kb / 1P
   Replacement seal kit for QTHA-2FSF-QD
More results

Similar Description - QTHA-2FSF-QD

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XTHA-2FSF-QD RALSTON-XTHA-2FSF-QD Datasheet
682Kb / 1P
   Connect a male 37횂째 flare AN/JIC fitting to a Quick-test hose without a wrench
QTHA-4FSF-QD RALSTON-QTHA-4FSF-QD Datasheet
636Kb / 1P
   Connect a male 37째 flare AN/JIC fitting to a Quick-test hose without a wrench
XTHA-2FSF-QD RALSTON-XTHA-2FSF-QD_19 Datasheet
645Kb / 1P
   Connect a male 37째 flare AN/JIC fitting to a Quick-test hose without a wrench
QTHA-5FSF-QD RALSTON-QTHA-5FSF-QD Datasheet
648Kb / 1P
   Connect a male 37째 flare AN/JIC fitting to a Quick-test hose without a wrench
QTHA-2FSA-AN-QD RALSTON-QTHA-2FSA-AN-QD_19 Datasheet
538Kb / 1P
   Connect a male 37째 flare AN/JIC fitting to a Quick-test hose without a wrench
QTHA-3FSF-QD RALSTON-QTHA-3FSF-QD Datasheet
612Kb / 1P
   Connect a male 37째 flare AN/JIC fitting to a Quick-test hose without a wrench
QTHA-2FSA-AN-QD RALSTON-QTHA-2FSA-AN-QD Datasheet
575Kb / 1P
   Connect a male 37A째 flare AN/JIC fitting to a Quick-test hose without a wrench
QTHA-HTBB-2T RALSTON-QTHA-HTBB-2T_19 Datasheet
522Kb / 1P
   Connect a Quick-test hose to a tube fitting through a wall or control panel
QTHA-TEVR RALSTON-QTHA-TEVR Datasheet
592Kb / 1P
   Connect one end to a Quick-test hose
QTHA-TEVR-SS RALSTON-QTHA-TEVR-SS Datasheet
519Kb / 1P
   Connect one end to a Quick-test hose
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com