Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXT2-458-1 Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # CXT2-458-1
Description  Multi channel 25kHz NBFM remote control TX/RX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CXT2-458-1 Datasheet(HTML) 4 Page - Radiometrix Ltd

  CXT2-458-1 Datasheet HTML 1Page - Radiometrix Ltd CXT2-458-1 Datasheet HTML 2Page - Radiometrix Ltd CXT2-458-1 Datasheet HTML 3Page - Radiometrix Ltd CXT2-458-1 Datasheet HTML 4Page - Radiometrix Ltd CXT2-458-1 Datasheet HTML 5Page - Radiometrix Ltd CXT2-458-1 Datasheet HTML 6Page - Radiometrix Ltd CXT2-458-1 Datasheet HTML 7Page - Radiometrix Ltd CXT2-458-1 Datasheet HTML 8Page - Radiometrix Ltd CXT2-458-1 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Radiometrix Ltd
CXT/CXR – Multi channel Remote Controller Data Sheet
page 4
Pin description –CXT
Pin
Name
Function
1a
Vcc
3.1 – 15V power supply
2a
0V
Ground
3a
N_TXE
Transmit Enable (active low)
4a
TXD
Link to 4b
1b
SI
Serial frequency programming / configuration
1
2b
A (in)
Main (latching) input
3b
B (in)
Second (cancel) input
4b
T_out
Link to 4a
Notes:
1.
Serial programming is by an inverted, CMOS logic level, 2400 baud RS232 datastream applied to
the SI pin.
2.
TXE has a 100kΩ pullup to Vcc
3.
Do not exceed 3v logic levels on SI, A or B.
4.
SI input has pullup (50K) to 3v internal rail.
5.
A and B inputs have pullups (50K) to 3v internal rail. (A, B inputs: active low)
6.
CX versions can be identified by the presence of C7, on the underside of the LMT series TX board
Figure 3: CXT footprint (top view)


Similar Part No. - CXT2-458-1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CXT2-458-1 RADIOMETRIX-CXT2-458-1 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
More results

Similar Description - CXT2-458-1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CXT RADIOMETRIX-CXT Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
NIM2B RADIOMETRIX-NIM2B Datasheet
235Kb / 11P
   Frequency Programmable 25kHz NBFM Transceiver
NIM1B RADIOMETRIX-NIM1B Datasheet
197Kb / 13P
   Frequency Programmable 25kHz NBFM VHF Transceiver
AIM1 RADIOMETRIX-AIM1 Datasheet
298Kb / 9P
   Frequency Programmable 25kHz NBFM VHF Transceiver
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
List of Unclassifed Man...
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com