Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3790 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB3790
Description  Battery Backup IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3790 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB3790 Datasheet HTML 1Page - Fujitsu Component Limited. MB3790 Datasheet HTML 2Page - Fujitsu Component Limited. MB3790 Datasheet HTML 3Page - Fujitsu Component Limited. MB3790 Datasheet HTML 4Page - Fujitsu Component Limited. MB3790 Datasheet HTML 5Page - Fujitsu Component Limited. MB3790 Datasheet HTML 6Page - Fujitsu Component Limited. MB3790 Datasheet HTML 7Page - Fujitsu Component Limited. MB3790 Datasheet HTML 8Page - Fujitsu Component Limited. MB3790 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
MB3790
s PIN DESCRIPTION
Pin number
Symbol
I/O
Name and function
16P
20P
1
1
N.C.
Non connection
22
VBATI
I
This pin connects to the primary battery.
3, 4
3, 4
VOUT
O
These pins supply the output voltage. (Range of output current value
IOUT
≤ 200 mA)
55
VBAT2
I/O
This pin connects to the secondary battery. When the power supply
voltage is greater than or equal to the detection level (i.e., VINH), the
secondary battery is recharged using the constant-voltage method of
charging.
6, 7
N.C.
Non connection
6
8
ALARM1
O
This is an open-collector output pin for a primary battery alarm
signal. When the power supply voltage is greater than or equal to
VINH, it monitors the primary battery voltage. If the power supply
voltage is less than VINL, it does not monitor the primary battery
voltage. If VBAT1 is less than or equal to 2.65 V, its output voltage is
forced to a Low level.
7
9
ALARM2
O
This is an open-collector output pin for a primary battery alarm
signal. When the power supply voltage is greater than or equal to
VINH, it monitors the primary battery voltage. If the power supply
voltage is less than VINL, it does not monitor the primary battery
voltage. If VBAT1 is less than or equal to 2.37 V, its output voltage is
forced to a Low level.
8
10
GND
This pin connects to the ground (0 V).
9
11
RESET
O
This pin outputs a reset signal. When the power supply voltage is
less than or equal to VINL, it outputs a High level.
If the power supply voltage of SRAM is less than the designated
range, it directly controls the CE or CS of SRAM to disable writes and
thereby protect the data in memory.
10
12
RESET
O
This pin outputs an inverted signal of RESET.
11
13
CT
This pin is used to set the reset pulse width.
Insert a capacitor between this pin and GND to set the pulse width.
14, 15
N.C.
Non connection
12
16
VSENSE
I
This pin accepts comparator input for detecting the power supply
voltage level. For details, refer to APPLICATION in this data sheet.
13, 14
17, 18
VIN
I
These pins accept the input voltage for the device.
15
19
N.C.
Non connection
16
20
CONTROL
I
This pin is used for output control. For details, refer to APPLICATION
in this data sheet.


Similar Part No. - MB3790

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
Fujitsu Component Limit...
MB3793-27APF FUJITSU-MB3793-27APF Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27APFV FUJITSU-MB3793-27APFV Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3790

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com