Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3790 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB3790
Description  Battery Backup IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3790 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB3790 Datasheet HTML 1Page - Fujitsu Component Limited. MB3790 Datasheet HTML 2Page - Fujitsu Component Limited. MB3790 Datasheet HTML 3Page - Fujitsu Component Limited. MB3790 Datasheet HTML 4Page - Fujitsu Component Limited. MB3790 Datasheet HTML 5Page - Fujitsu Component Limited. MB3790 Datasheet HTML 6Page - Fujitsu Component Limited. MB3790 Datasheet HTML 7Page - Fujitsu Component Limited. MB3790 Datasheet HTML 8Page - Fujitsu Component Limited. MB3790 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
MB3790
s FUNCTIONAL DESCRIPTION
1.
Battery Backup Function
• When the power supply voltage exceeds the voltage detection level (i.e., VINH), the device outputs a current of
up to 200 mA from the VIN power supply to the load circuit via the VOUT pin.
• When the power supply voltage is less than or equal to VINL, the device switches the source of power for VOUT
from VIN to the primary or secondary battery for backup purposes.
2.
Power Supply Voltage Level Detect Function
When the power supply voltage drops below VINL, the voltage level detection comparator is actuated to perform the
following (note that the detection voltage level has the hysteresis characteristics listed in ELECTRICAL CHARAC-
TERISTICS in this data sheet):
• The comparator first outputs the RESET signal (High level).
• It switches the source of power for the load circuit to the primary or secondary battery.
The power supply voltage detection level can be adjusted by fitting an external resistor to the VSENSE pin. When
adjusting the detection level, be sure to set it to 4.0 V or higher by considering the power supply voltage for the
internal circuit operation.
In addition, the detection set time can be extended by connecting a capacitator. For this method of adjustment, refer
to APPLICATION in this data sheet.
3.
Reference Voltage Circuit
This is a temperature-compensated reference voltage circuit of a band gap type so that it outputs a trimming-
adjusted exact reference voltage.
The reference voltage power supply is used to set the reference voltage/constant current values of the detection
circuit, as well as the secondary battery recharging voltage.
4.
Power-on Reset Function
By charging the capacitator connected to the CT pin with constant current (approx. 3
µA), this function determines
the reset pulse width. The calculation formula for this is given below:
Reset pulse width tPO (sec)
≅ CT (F) × 106
(When CT = 1000 pF, tPO
≅ 1 ms [typ])
5.
Primary Battery Voltage Detection Function
If the primary battery voltage drops below the detection level when the power supply voltage is greater than or equal
to VINL, the device outputs an alarm signal (Low level) from the CMOS output pin, ALARM1 or ALARM2.
Note that the voltage level detection comparator has the hysteresis characteristics listed in ELECTRICAL CHAR-
ACTERISTICS in this data sheet.
• When the primary battery voltage is 2.65 V [typ] or less:
The ALARM1 output pin is forced to a Low level to issue an alarm indicating that it’s time to replace the primary
battery.
• When the primary battery voltage is 2.37 V [typ] or less:
The ALARM2 output pin is forced to a low level to issue an alarm indicating that the primary battery voltage
is less than the voltage necessary to retain the SRAM data (approx. 2.0 V)
6.
Secondary Battery Recharging Function
When the power supply voltage is greater than or equal to VINL, the device recharges the secondary battery using
the constant-voltage method of charging. Note that the typical value of the device's internal recharging resistor is
500 ohms.


Similar Part No. - MB3790

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
Fujitsu Component Limit...
MB3793-27APF FUJITSU-MB3793-27APF Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27APFV FUJITSU-MB3793-27APFV Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3790

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
logo
New Japan Radio
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
   Battery Backup Switching IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com